Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 81 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 81 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 77Page - ams-OSRAM AG AS1163 Datasheet HTML 78Page - ams-OSRAM AG AS1163 Datasheet HTML 79Page - ams-OSRAM AG AS1163 Datasheet HTML 80Page - ams-OSRAM AG AS1163 Datasheet HTML 81Page - ams-OSRAM AG AS1163 Datasheet HTML 82Page - ams-OSRAM AG AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
81 / 91
/
7.13.15
SETTCOEFFCHN (0x53)
Set temperature coefficient in the specified channel.
Contains 40 bits payload: 3x8 bits temperature coefficient, 8 bits temperature reference and
8 bits for channel selection (note that on SAID, having only 3 channels, only 2 bits are used for
channel selection using values from 0 to 2).
No answer (16-bit TEMPSTAT register if SR bit is set).
Figure 30: SETTCOEFFCHN bit configuration
7.13.16
READADC (0x54)
The command has no arguments.
The device responds with the ADC register content.
Payload: No payload.
Broadcast is not allowed.
Answer: 8-bit content of the ADC.
Table 36: Format of READADC register
Addr: 0x54
READADC
Bit
Bit name
Default
Access
Bit description
7:6
reserved
0x0
RW
-
5
ADC_FUSA_ENABLE
0x0
RW
This enables ADC for LED current
measurement for FUSA
4
ADC_VLED_DISABLE_SYNC
0x0
RW
This disable the synchronization of voltage
measurement with PWM start pulse (needed if
PWM value is 0 and pulse is disabled)
3:0
ADC_VLED_MUX_CTRL[3:0]
0x0
RW
This value selects which LED voltage to
measure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com