Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 70 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 70 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 66Page - ams-OSRAM AG AS1163 Datasheet HTML 67Page - ams-OSRAM AG AS1163 Datasheet HTML 68Page - ams-OSRAM AG AS1163 Datasheet HTML 69Page - ams-OSRAM AG AS1163 Datasheet HTML 70Page - ams-OSRAM AG AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
70 / 91
/
7.13.3
READCOMST (0x44)
Read COMSTATUS register:
•
Loop/bi-directional
•
SIO1_STATE
•
SIO2_STATE
Table 26: READCOMST register
Addr: 0x44
READCOMST
Bit
Bit name
Default
Access
Bit description
7:5
Reserved
0x0
R
-
4
COM_MODE
0x1
R
Indicates the mode used by a device to send back telegram
to a MCU:
“0”: Bidirectional mode, same SIO used to send back answer
telegram
“1”: Loopback, opposite SIO is used to send back answer
telegram
3:2
SIO2_STATE[1.0]
0x0
R
“00” LVDS mode
“01” EoL (End of Line) mode
“10” MCU mode
“11” CAN mode (USE mode)
1:0
SIO1_STATE[1:0]
0x0
R
“00” LVDS mode
“01” EoL (End of Line) mode
“10” MCU mode
“11” CAN mode (USE mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com