Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG AS1163 Datasheet HTML 32Page - ams-OSRAM AG AS1163 Datasheet HTML 33Page - ams-OSRAM AG AS1163 Datasheet HTML 34Page - ams-OSRAM AG AS1163 Datasheet HTML 35Page - ams-OSRAM AG AS1163 Datasheet HTML 36Page - ams-OSRAM AG AS1163 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
33 / 91
/
Information:
The host is fully responsible for the timing of the telegrams propagating in the network and, in
particular, for collision avoidance.
Instead of setting the parallel mask in the OTP, it can also be configured via channel 2 pins,
see next section. Parallel addressing is fully supported only with fully symmetrical
communication modes, such as SPI-mode, LVDS mode, CAN mode (USE mode). Pure MCU
mode will result in communication errors at parallel devices that are not addressed, while MCU
- SPI mode supports parallel communication, given its symmetry in downstream and upstream
flows.
6.5.2
Parallel address setting with open-short
It is possible to configure 2 LED drivers to receive altogether 2 analog voltage signals that are
to be forced externally. Possible configurations are three: Ground shorted, VDD shorted, or
thirdly at VDD/2 voltage level, e.g. by resistive ladder.
The LED driver is turned-OFF (high-Z) and in combination with an external resistor divider will
set the output voltage.
The 2 analog voltages are digitized by the open-short comparators and result in 9 possible
parallel address codes.
The parallel mask configuration is read once at startup.
Table 10: Address mask configuration
G1
R1
Internal bits
Corresponding parallel address
VDD/2
VDD/2
00 00
0b000
VDD/2
GND
00 01
0b001
VDD/2
VDD
00 10
0b010
GND
VDD/2
01 00
0b011
GND
GND
01 01
0b100
GND
VDD
01 10
0b101
VDD
VDD/2
10 00
0b110
VDD
GND
10 01
0b111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com