Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 62 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 62 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 58Page - ams-OSRAM AG AS1163 Datasheet HTML 59Page - ams-OSRAM AG AS1163 Datasheet HTML 60Page - ams-OSRAM AG AS1163 Datasheet HTML 61Page - ams-OSRAM AG AS1163 Datasheet HTML 62Page - ams-OSRAM AG AS1163 Datasheet HTML 63Page - ams-OSRAM AG AS1163 Datasheet HTML 64Page - ams-OSRAM AG AS1163 Datasheet HTML 65Page - ams-OSRAM AG AS1163 Datasheet HTML 66Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
62 / 91
/
7.12.11
ASKTINFO (0x0A)
Returns the aggregated maximum and minimum temperature (see Chapter 6.4.1.2) across the
daisy chain.
Serial broadcast message.
Last node responds with min and max temperature.
The 16-bit payload contains the max temperature and the min temperature in this order.
Table 21: Payload of ASKTINFO
Payload of answer
ASKTINFO
Bit
Bit name
Default
Access
Bit description
15:8
TEMPMAX[7:0]
0x0
R
8-bit value of the max. temperature in daisy chain
7:0
TEMPMIN[7:0]
0x0
R
8-bit value of the min. temperature in daisy chain
7.12.12
ASKVINFO (0x0B)
Returns the aggregated maximum and minimum local forward voltage among all nodes across
the daisy chain.
Serial broadcast message.
Last node responds with min and max voltage of local nodes.
The 16-bit payload contains the max Vf and the min Vf in this order.
Table 22: Payload of ASKVINFO
Payload of answer
ASKVINFO
Bit
Bit name
Default
Access
Bit description
15:8
VFMAX_MAX[7:0]
0x0
R
8-bit value of the max VFMAX
7:0
VFMAX_MIN[7:0]
0x0
R
8-bit value of the min VFMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com