Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 64Page - ams-OSRAM AG AS1163 Datasheet HTML 65Page - ams-OSRAM AG AS1163 Datasheet HTML 66Page - ams-OSRAM AG AS1163 Datasheet HTML 67Page - ams-OSRAM AG AS1163 Datasheet HTML 68Page - ams-OSRAM AG AS1163 Datasheet HTML 69Page - ams-OSRAM AG AS1163 Datasheet HTML 70Page - ams-OSRAM AG AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
68 / 91
/
Table 24: READSTAT register
Addr: 0x40
READSTAT
Bit
Bit name
Default
Access
Bit description
7:6
STATE[1:0]
0x0
R
“00” initialized
“01” sleep
“10” active
“11” deep sleep
5
TEST_FLAG
0x0
R
When this flag is set, a device is either in TEST mode or OTP
CRC1 is wrong (= OTP error)
4
OV_FLAG
0x0
RC
Will be set when device detected an overvoltage condition. Will be
automatically cleared after readout and set again if error still exists
(Sticky flag).
3
CE_FLAG
0x0
RC
When set, device detected an error in a received telegram, either
CRC error (when enabled in “SETUP” register) or length error or
other error at protocol or data link layer. Telegrams are always
checked, no matter is a device had been addressed by a telegram
or not. Will be automatically cleared after readout and set again if
error still exists (Sticky flag).
2
LOS_FLAG
0x0
RC
Will be “1” when in any of the LED channels either a short or open
defect has been detected. Will be automatically cleared after
readout and set again if error still exists (Sticky flag).
1
OT_FLAG
0x0
RC
Will be set when device detected overtemperature condition. Will
be automatically cleared after readout and set again if error still
exists (Sticky flag).
0
UV_FLAG
0x0
RC
Will be set when device detected an undervoltage condition. Will
be automatically cleared after readout and set again if error still
exists (Sticky flag).
Permanent clearing of LOS_FLAG requires a read-out of LEDSTCHN register beforehand, as
the LOS_FLAG signals the presence of any high flag in that register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com