Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 75 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 75 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG AS1163 Datasheet HTML 76Page - ams-OSRAM AG AS1163 Datasheet HTML 77Page - ams-OSRAM AG AS1163 Datasheet HTML 78Page - ams-OSRAM AG AS1163 Datasheet HTML 79Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
75 / 91
/
7.13.9
SETSETUP (0x4D)
Write SETUP register.
Payload is 8-bit. No answer (16-bit TEMPSTAT register if SR bit is set).
7.13.10
READPWMCHN (0x4E)
Read PWM register.
Payload is 8-bit to select the LED channel: 0,1, or 2 for PWM; or 3, 4, and 5 for PWM after
temperature correction; or 6, 7, and 8 for driver current.
This command will send back the PWM values of the PWM registers, but also other additional
information if the selected channel is higher than 2:
When the payload is 0 to 2, returns the 48-bit PWM register values of the 3 LED drivers for the
specified channel.
Table 31: Format of READPWMCHN register (payload from 0 to 2)
Addr: 0x4E
READPWMCHN
Bit
Bit name
Default
Access
Bit description
47:32
RED_PWM[15:0]
0x0
RW
This is the value to be used for the PWM cycle of the RED
LED.
If FAST_PWM@SETUP = “0” , 15 bits [15:1] are used to
realize a 15-bit dynamic range, bit 0 is used for automatic
dithering between 2 consecutives PWM frames.
If FAST_PWM@SETUP = “1” , 14 bits [15:2] are used to
realize a 14-bit dynamic range, bit 1 is used for automatic
dithering between 2 consecutives PWM frames.
31:16
GREEN_PWM[15:0]
0x0
RW
This is the value to be used for the PWM cycle of the
GREEN LED.
If FAST_PWM@SETUP = “0”, 15 bits [15:1] are used to
realize a 15-bit dynamic range, bit 0 is used for automatic
dithering between 2 consecutives PWM frames.
If FAST_PWM@SETUP = “1”, 14 bits [15:2] are used to
realize a 14-bit dynamic range, bit 1 is used for automatic
dithering between 2 consecutives PWM frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com