Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 34Page - ams-OSRAM AG AS1163 Datasheet HTML 35Page - ams-OSRAM AG AS1163 Datasheet HTML 36Page - ams-OSRAM AG AS1163 Datasheet HTML 37Page - ams-OSRAM AG AS1163 Datasheet HTML 38Page - ams-OSRAM AG AS1163 Datasheet HTML 39Page - ams-OSRAM AG AS1163 Datasheet HTML 40Page - ams-OSRAM AG AS1163 Datasheet HTML 41Page - ams-OSRAM AG AS1163 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
38 / 91
/
6.6
LED driver
Each LED driver is implemented as an open-drain current sink.
A slope control circuit defines the steepness of the PWM turn-on and turn-off edges. A bias
circuit provides the DC bias current, where 5 levels are selected with a thermometric code.
Drivers are grouped in 3 channels with 3 drivers each. Channels are sized with a current
capability of respectively 48 mA (Channel 0), 24 mA (Channel 1), 24 mA (Channel 2).
Selectable current levels are 3 mA, 6 mA, 12 mA, 24 mA, 48 mA for Channel 0.
Selectable current levels are 1.5 mA, 3 mA, 6 mA, 12 mA, 24 mA for Channel 1 and Channel
2.
Table 11: Current levels configuration table
CUR setting
0
1
2
3
4
Channel 0
3 mA
6 mA
12 mA
24 mA
48 mA
Channel 1
1.5 mA
3 mA
6 mA
12 mA
24 mA
Channel 2
1.5 mA
3 mA
6 mA
12 mA
24 mA
ILED_acc, ILED_mis parameters refer to the CUR setting 4, where trimming is performed. A
performance degradation for lower settings is to be expected.
The current drivers are controlled by a PWM with a frequency up to nominally 1000 Hz and a
PWM resolution (duty cycle) of 14-bit. Higher resolution of 15-bit is achieved with nominal
500 Hz frequency.
Enabling Dithering function allows to achieve 16-bit dynamic range (not available with Sync
functionality).
Current driver activation is performed with phase shift in digital to reduce the peak to average
power ratio.
The current of the drivers is stable over the full temperature range to avoid any
color/brightness shift. The LED dependencies over temperature can be compensated via PWM
adjustment depending on the readout value of the temperature sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com