Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS1163 Datasheet HTML 1Page - ams-OSRAM AG AS1163 Datasheet HTML 2Page - ams-OSRAM AG AS1163 Datasheet HTML 3Page - ams-OSRAM AG AS1163 Datasheet HTML 4Page - ams-OSRAM AG AS1163 Datasheet HTML 5Page - ams-OSRAM AG AS1163 Datasheet HTML 6Page - ams-OSRAM AG AS1163 Datasheet HTML 7Page - ams-OSRAM AG AS1163 Datasheet HTML 8Page - ams-OSRAM AG AS1163 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
AS1163
General description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
5 / 91
/
1.1
Key benefits & features
The benefits and features of AS1163, SAID - Standalone intelligent driver are listed below:
Table 1: Added value of using AS1163
Benefits
Features
Cost effective system design
Single layer PCB
Slim layout
3x RGB channels per IC
Sensing integration
I²C gateway (compatible with 5V and tolerant for 3V3 and 1V8)
Open system protocol
• Auto-addressing 2.4 Mbit/s two-wire daisy chain protocol
• Up to 1000 nodes
• CRC protected communication
Adjustable output current
1.5, 3, 6, 12, 24, 48 mA (3×outputs: Max. 48mA; 6×outputs: max. 24mA)
Configurable output power
Output clustering options (up to 288 mA)
Brightness adjustment
16-bit equivalent dynamic range when LSB dithering
function is activated.
15-bit PWM engine @ 500 Hz
14-bit PWM engine @ 1000 Hz
• Low EMI
• Low power consumption
• Reduced phantom effect
Enhanced driving mode (Dithering)
Star network implementation
External setting of parallel addressing (also called branching)
Sync pin
External HW sync for display application
Remote analog input for sensing
Integrated 10-bit ADC + MUX – range VDD – VDD-3.56 V
Functional Safety
QM (compliant with ASIL-B on system level)
Automotive
AEC-Q100 grade 1
1.2
Applications
•
Interior dynamic lighting effect
•
Ambient lighting
•
Functional lighting
•
Exterior lighting (e.g. grill application)
•
Roof lighting
•
Smart surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com