Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 65 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 65 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 61Page - ams-OSRAM AG AS1163 Datasheet HTML 62Page - ams-OSRAM AG AS1163 Datasheet HTML 63Page - ams-OSRAM AG AS1163 Datasheet HTML 64Page - ams-OSRAM AG AS1163 Datasheet HTML 65Page - ams-OSRAM AG AS1163 Datasheet HTML 66Page - ams-OSRAM AG AS1163 Datasheet HTML 67Page - ams-OSRAM AG AS1163 Datasheet HTML 68Page - ams-OSRAM AG AS1163 Datasheet HTML 69Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
65 / 91
/
Figure 25: I2CREAD 12-bit addressing
The I2CCFG status register reflects the status of the I²C transaction (fields I2C_BUSY and
I2C_NACKACK) but no response telegram is sent with the read data. Instead, the data is
stored in a 64-bit register inside the SAID, which can be read with the telegram READLAST.
For details, please refer to application note “I²C bridge – SAID as I²C gateway AN001090”.
7.12.17
I2CWRITE (0x19)
Writes bytes to a register in an I²C device.
The SAID I²C bridge first asserts I2CCFG.I2C_BUSY. Next, it starts an I²C transaction
consisting of a single write segment. This contains the register address, followed by data.
When the device does not acknowledge one of the bytes, the transaction is aborted, and
I2CCFG.NACK_ACK is asserted. When the device does acknowledge all bytes,
I2CCFG.NACK_ACK is de-asserted. After abort or successful completion I2CCFG.I2C_BUSY
is de-asserted; it would stay asserted as long as the target device pulls the SCL low (“I²C clock
stretching”).
The PSI of the I2CWRITE telegram indicates how many bytes will be written, address bytes
and data bytes together.
In 8-bit addressing, the first byte is the I²C device address (7-bit I²C address plus adding a 0
LSB). The second byte is the I²C register address where to write to. Next come 1 to 6 data
bytes. Because a PSI of 7 cannot be encoded, 5 data bytes cannot be sent.
Figure 26: I2CWRITE 8-bit addressing
If 12-bit addressing is asserted (I2CCFG. I2C_12_BIT_ADDR), the first byte is the I²C device
address (7-bits with appended 0) and the second and third bytes form the 12-bit I²C register
address where to write to. Only the 12 LSBs in the telegram are significant, the I²C transaction
uses 16 bits, prepending 0b0000. Next come 1 to 5 data bytes. Because a PSI of 7 cannot be
encoded, 4 data bytes cannot be sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com