Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 14Page - ams-OSRAM AG AS1163 Datasheet HTML 15Page - ams-OSRAM AG AS1163 Datasheet HTML 16Page - ams-OSRAM AG AS1163 Datasheet HTML 17Page - ams-OSRAM AG AS1163 Datasheet HTML 18Page - ams-OSRAM AG AS1163 Datasheet HTML 19Page - ams-OSRAM AG AS1163 Datasheet HTML 20Page - ams-OSRAM AG AS1163 Datasheet HTML 21Page - ams-OSRAM AG AS1163 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
AS1163
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
18 / 91
/
5.1
Power supply
For operating SAID a voltage supply VDD of typical 5 V is required. Each SAID can sink up to
nominal 288 mA from the LEDs and the power delivery network needs to be sized accordingly.
Decoupling caps are recommended between VDD and GND, placed as close as possible to
the device power pins.
Recommended values for these caps are:
•
1 μF elco capacity
•
100 nF high ESR capacitor
•
VDD voltage up to 6 V
5.2
Startup sequence
The device starts-up with VDD overcoming the UVLO (undervoltage lockout) threshold. After
the bandgap reference starts-up, the voltage regulator generates an internal voltage, VREG.
The internal blocks supplied by VREG (nominally 1.5 V) are reset until the supply reaches the
POR_N threshold. The RC oscillator is also enabled with POR_N. In this state, for a trimmed
device, the OTP is downloaded, and the trimming/configuration bits activated (~200 µs).
All internal blocks supplied by the external VDD supply start up after the supply reaches the
UVLO threshold. At this point the communication interface and the led drivers are functional.
Once the communication is enabled, also in case of an under-voltage event, the device does
not lose functionality until an internal falling POR_N event. The VDD_OK flag signals that the
VDD is above the VDD_UV threshold.
Note: VREG, POR_N are internal signals. At startup the current is increased up to 6mA to
ensure stable readout from the OTP for proper operation.
Figure 7: Startup sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com