Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 84 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 84 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 80Page - ams-OSRAM AG AS1163 Datasheet HTML 81Page - ams-OSRAM AG AS1163 Datasheet HTML 82Page - ams-OSRAM AG AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG AS1163 Datasheet HTML 87Page - ams-OSRAM AG AS1163 Datasheet HTML 88Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
84 / 91
/
The OTP access takes time, so wait 60µs after sending this telegram.
The command will be executed only if the authenticated mode is set. This is a test command,
so it will be executed also if the device address is not matched. To enter the authenticated
mode, please refer to related application note “OTP-burning_AN001081” from ams OSRAM.
See OTP customer area table (Table 6).
7.13.22
READADCDAT (0x5C)
Read ADC data register. Reads ADC data output. Answer is 16-bit (Bit 9 to 0 are related to
ADC values) corresponding to the voltage of the LED selected for a measurement in ADC
register.
Table 38: READADCDAT register
Addr: 0x5C
READADCDAT
Bit
Bit name
Default
Access
Bit description
15:10
ADC_V_OUT[15:10]
0x0
R
Reserved
9:0
ADC_V_OUT[9:0]
0x0
R
This value is the LED voltage measurement
7.14
External components
Table 39: Electrical characteristics of AS1163
Symbol
Parameter
Min
Typ
Max
Unit
CVDD
VDD Cap
1
µF
CHFCAP
VDD HF Cap
100
nF
RMODE
Pull-up & Pulldown Res on SIO
10k
Ohm
(1) Recommended values of components to be placed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com