Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 61 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 61 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 57Page - ams-OSRAM AG AS1163 Datasheet HTML 58Page - ams-OSRAM AG AS1163 Datasheet HTML 59Page - ams-OSRAM AG AS1163 Datasheet HTML 60Page - ams-OSRAM AG AS1163 Datasheet HTML 61Page - ams-OSRAM AG AS1163 Datasheet HTML 62Page - ams-OSRAM AG AS1163 Datasheet HTML 63Page - ams-OSRAM AG AS1163 Datasheet HTML 64Page - ams-OSRAM AG AS1163 Datasheet HTML 65Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
61 / 91
/
7.12.9
P4ERRBIDIR (0x08)
It will check only the selected flag bits which leads to SLEEP state (setup register).
If an error flag is set in STATUS with its FSAVE set in SETUP, then: Answer to host (state
+ temperature) in reverse (BIDIR) direction.
If not: Same command will be forwarded to next device with a new address field
(STARTADDRESS+1).
If no error flag bit in chain: Last device sends status + temperature register in reverse
(BIDIR) direction.
Serial broadcast message.
Information:
The command shall be used with the address of the first device of the chain only. Using an
address from a unit in the middle of the chain might lead to unpredictable behavior of the chain
until a reset condition (e.g. power loss).
7.12.10
P4ERRLOOP (0x09)
It will check only the selected flag bits which leads to SLEEP state (setup register).
If an error flag is set in STATUS with its FSAVE set in SETUP, then: Answer to host (state
+ temperature);
If not: Same command will be forward to next device with a new address field
(STARTADDRESS+1).
If no error flag bit in chain: Last device sends status + temperature register.
Serial broadcast message.
Information:
The command shall be used with the address of the first device of the chain only. Using an
address from a unit in the middle of the chain might lead to unpredictable behavior of the chain
until a reset condition (e.g. power loss).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com