Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 43Page - ams-OSRAM AG AS1163 Datasheet HTML 44Page - ams-OSRAM AG AS1163 Datasheet HTML 45Page - ams-OSRAM AG AS1163 Datasheet HTML 46Page - ams-OSRAM AG AS1163 Datasheet HTML 47Page - ams-OSRAM AG AS1163 Datasheet HTML 48Page - ams-OSRAM AG AS1163 Datasheet HTML 49Page - ams-OSRAM AG AS1163 Datasheet HTML 50Page - ams-OSRAM AG AS1163 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
47 / 91
/
6.9.2
SYNC operation
Upon reception of a SYNC event, either from an external pin or OSP command, the device
activates all drivers with pre-configured settings.
Default state of the SYNC line is high. To give a sync, the SYNC line is pulsed low for at least
3 clocks a 2.4MHz (1.25µs).
6.10
Multicasting
In addition to the broadcast, multicast groups can be defined. Devices can be assigned to one
or more groups within this range via a dedicated command. Once assigned, these devices
react to both the general broadcast address 0x000 as well as to the multicast group address.
Multicast group addresses are within the range from 0x3F0 to 0x3FE.
There are 15 different addresses for multicast groups available. A node can be registered to
any of these by setting the respective bit in the 16-bit mask register:
Table 14: Multicast group address
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Group
-
3FE
3FD
3FC
3FB
3FA
3F9
3F8
3F7
3F6
3F5
3F4
3F3
3F2
3F1
3F0
Messages addressed to a multicast group are always fast-forwarded.
6.11
Diagnostics
All error/diagnostic modes will set a unique flag bit if it occurs. An automatic transition into
SLEEP mode & disabling of the LED can be configured via the SETUP register. The last PWM
parameters are retained. The flag bit will be cleared by a status readout (READSTAT,
READTEMPSTAT). If the failure is still present the flag is raised again. RESET also clears all
flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com