Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 41Page - ams-OSRAM AG AS1163 Datasheet HTML 42Page - ams-OSRAM AG AS1163 Datasheet HTML 43Page - ams-OSRAM AG AS1163 Datasheet HTML 44Page - ams-OSRAM AG AS1163 Datasheet HTML 45Page - ams-OSRAM AG AS1163 Datasheet HTML 46Page - ams-OSRAM AG AS1163 Datasheet HTML 47Page - ams-OSRAM AG AS1163 Datasheet HTML 48Page - ams-OSRAM AG AS1163 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
45 / 91
/
Note: The I²C master in the AS1163 has one known behavior: In a read transaction the last
pulse (clock and data) for final NACK is not emitted. Most I²C devices will sync on the
subsequent STOP condition, so the read terminates successfully, however, there might be
devices that go out of sync. I²C clock stretching is not supported.
When channel 2 is configured as I²C bridge, the current level of the driver can still be
configured via SETCURCHN.
A value of 3mA (CUR=1) is recommended as the minimum current requirement for the lower
bound of an external pull up resistor, 2.2 kOhm, is 2.5 mA.
6.8.2
I²C control register
I²C control register is an 8-bit register that contains the division factor to set the I²C speed.
Default value at startup is 0xC (1100 or 12 dec). The complete division factor must be left
shifted by 3 bits, so that the real division factor is 1100000 (96 dec). This value is used to
divide the sys clock to generate the I²C half clock period. With a main clock of 19.2 MHz this
means an I²C frequency of about 92 kHz.
The formular to calculate the target I²C frequency from the register setting is the following,
assuming nominal I²C loading conditions given by 5 kOhm pull-up resistor and 20 pF parasitic
line capacitance (division factor can be subject of minor deviations depending on the bus
loading conditions as an effect of the I²C master sensing the line to ensure the bus is idle upon
starting transmission):
Equation 3:
������������������������ = ������������������������/(2 ∗ (8 ∗ ������2������_������������������������������ + 7))
Note: Typically, f_SCL=1371kHz at I2C_SPEED=0; f_SCL=417 kHz at I2C_SPEED=2.
Information:
Divisor must be different from 0, so writing it to 0 must be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com