Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 17Page - ams-OSRAM AG AS1163 Datasheet HTML 18Page - ams-OSRAM AG AS1163 Datasheet HTML 19Page - ams-OSRAM AG AS1163 Datasheet HTML 20Page - ams-OSRAM AG AS1163 Datasheet HTML 21Page - ams-OSRAM AG AS1163 Datasheet HTML 22Page - ams-OSRAM AG AS1163 Datasheet HTML 23Page - ams-OSRAM AG AS1163 Datasheet HTML 24Page - ams-OSRAM AG AS1163 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
21 / 91
/
6.2.1
OTP burn procedure
OTP required voltage@25°C: 2.7V ± 100mV, additionally a 10µF bypass capacitor is required
on VDD.
To program the OTP customer section (from address 0x0D to 0x1F), the following steps must
be followed, once the device is accessible via a dedicated command:
1.
Reset/init
2.
Settestpw
3.
Setotp
4.
Cust
5.
Burn
6.
Lower voltage (within 15µs)
7.
Wait 5ms
8.
Raise voltage
9.
Idle
10. settestpw(0)
Based on qualification data of the pfuse OTP element, a burning yield loss of typically around
3ppm/bit has to be considered while using the specified optimum burn conditions. Furthermore
any burning yield loss higher than 50ppm/bit is an indicator that for some reasons the burning
conditions are not in the optimum qualified range. To verify the correctness of burned values:
1.
Write different data to OTP (e.g. all OTP bytes at 0x1A1A)
2.
Send CUST command
3.
Send GLOAD command (optional, only for GLOAD check)
4.
Send LOAD command
5.
Send IDLE command
6.
Read back all OTP and verify the burned values
7.
Once the bit 1F.7 (Cust_lock) is 1, the OTP can no longer be changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com