Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 76 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 76 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG AS1163 Datasheet HTML 76Page - ams-OSRAM AG AS1163 Datasheet HTML 77Page - ams-OSRAM AG AS1163 Datasheet HTML 78Page - ams-OSRAM AG AS1163 Datasheet HTML 79Page - ams-OSRAM AG AS1163 Datasheet HTML 80Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
76 / 91
/
Addr: 0x4E
READPWMCHN
Bit
Bit name
Default
Access
Bit description
15:0
BLUE_PWM[15:0]
0x0
RW
This is the value to be used for the PWM cycle of the BLUE
LED.
If FAST_PWM@SETUP = “0”, 15 bits [15:1] are used to
realize a 15-bit dynamic range, bit 0 is used for automatic
dithering between 2 consecutives PWM frames.
If FAST_PWM@SETUP = “1”, 14 bits [15:2] are used to
realize a 14-bit dynamic range, bit 1 is used for automatic
dithering between 2 consecutives PWM frames.
When the payload is 3 to 5, returns the PWM register values of the 3 LED drivers after
temperature correction for the specified channel.
Table 32: Format of READPWMCHN register (payload from 3 to 5)
Addr: 0x4E
READPWMCHN
Bit
Bit name
Default
Access
Bit description
47:32
RED_PWM_CORR[14:0]
0x0
R
This is the value used for the PWM cycle of
the RED LED after the temperature correction
algorithm.
31:16
GREEN_PWM_CORR [14:0]
0x0
R
This is the value used for the PWM cycle of
the GREEN LED after the temperature
correction algorithm.
15:0
BLUE_PWM_CORR [14:0]
0x0
R
This is the value used for the PWM cycle of
the BLUE LED after the temperature correction
algorithm.
When the payload is 6 to 8, returns the PWM current measured from the current measurement
ADC for the 3 LEDs for the specified channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com