Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 71 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 71 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 67Page - ams-OSRAM AG AS1163 Datasheet HTML 68Page - ams-OSRAM AG AS1163 Datasheet HTML 69Page - ams-OSRAM AG AS1163 Datasheet HTML 70Page - ams-OSRAM AG AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
71 / 91
/
7.13.4
READLEDSTCHN (0x46)
Read LED status register.
Payload is 8-bit to select LED channel (0, 1 or 2) to read.
The error flags are set if the fault condition is present for at fixed minimum number of internal
clock cycles. See driver fault description.
Each channel contains:
Table 27: READLEDSTCHN register
Addr: 0x46
READLEDSTCHN
Bit
Bit name
Default
Access
Bit description
7
Reserved
0x0
R
-
6
REDOPEN
0x0
RC
If set indicates a detected OPEN condition on LED3 (=
RED). Will be automatically cleared after readout and set
again if error still exists (Sticky flag).
5
GREENOPEN
0x0
RC
If set indicates a detected OPEN condition on LED2 (=
GREEN). Will be automatically cleared after readout and
set again if error still exists (Sticky flag).
4
BLUEOPEN
0x0
RC
If set indicates a detected OPEN condition on LED1 (=
BLUE). Will be automatically cleared after readout and set
again if error still exists (Sticky flag).
3
Reserved
0x0
R
-
2
REDSHORT
0x0
RC
If set indicates a detected SHORT condition on LED3 (=
RED). Will be automatically cleared after readout and set
again if error still exists (Sticky flag).
1
GREENSHORT
0x0
RC
If set indicates a detected SHORT condition on LED2 (=
GREEN). Will be automatically cleared after readout and
set again if error still exists (Sticky flag).
0
BLUESHORT
0x0
RC
If set indicates a detected SHORT condition on LED1 (=
BLUE). Will be automatically cleared after readout and set
again if error still exists (Sticky flag).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com