Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 12Page - ams-OSRAM AG AS1163 Datasheet HTML 13Page - ams-OSRAM AG AS1163 Datasheet HTML 14Page - ams-OSRAM AG AS1163 Datasheet HTML 15Page - ams-OSRAM AG AS1163 Datasheet HTML 16Page - ams-OSRAM AG AS1163 Datasheet HTML 17Page - ams-OSRAM AG AS1163 Datasheet HTML 18Page - ams-OSRAM AG AS1163 Datasheet HTML 19Page - ams-OSRAM AG AS1163 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
AS1163
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
16 / 91
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ADC_GAIN_ERR
Gain variation
Vf meas,
referred to full-
scale. Tested
with VDD=5V
-1.12
1.12
%
ADC_DNL
DNL
Vf meas.
Valid for
Tj<125ºC
-1
1
LSB
ADC_INL
INL
Vf meas.
-3
3
LSB
ADC_TSAMPLE
Vf meas.
1.6
µs
T_acc
Temperature sensor
accuracy
Room temp.
-8
8
ºC
T_AMB
Ambient temperature
-40
125
ºC
T_J
Junction temperature
-40
150
ºC
Rth
Thermal resistance
from junction to
ambient temperature
JEDEC 2s2p
PCB
64
°C/W
V_th_se_high
Threshold on SIOx_x
to detect
communication mode
(high)
2.85
VDD+0.3
V
V_th_se_low
Threshold on SIOx_x
to detect
communication mode
(low)
-0.3
0.7
V
V_SIOx_P/N(O,L)
Output low level for
pin SIOx_P and
SIOx_N for single-
ended communication
10k Ohm load
0
0.7
V
V_SIOx_P/N(O,H)
Output high level for
pin SIOx_P and
SIOx_N for single-
ended communication
10k Ohm load
VDD-0.7
VDD
V
F_com_mcu
Allowed input data
rate for
communication in
MCU mode. Tested
with VDD=5V.
2.23
2.4
2.62
Mbps
DUTY_com_mcu
Allowed input duty
cycle in MCU mode.
Tested with VDD=5V.
47.5
52.5
%
F_com_can
Allowed input data
rate for
communication in
CAN RTX mode.
Tested with VDD=5V.
2.31
2.4
2.55
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com