Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 89 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 89 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG AS1163 Datasheet HTML 87Page - ams-OSRAM AG AS1163 Datasheet HTML 88Page - ams-OSRAM AG AS1163 Datasheet HTML 89Page - ams-OSRAM AG AS1163 Datasheet HTML 90Page - ams-OSRAM AG AS1163 Datasheet HTML 91Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
AS1163
Revision information
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
89 / 91
/
Changes from previous released version to current revision v2-00
Page
Updated condition for “V_SIOx_P/N(O,L)” as “10k Ohm load” under Table 4, updated
symbol “VDD_com_stop” parameter as “VDD communication stop (stop of communication
when VDD drops below)”
15, 17
ADC formula offset changed from 11 to 2
24
Added channel clustering application conditions on PCB
39
Improved Figure 13 with corrected address
31
Added ordering code, package marking and tape and reel information
10
Table 2 pin description updates
12
Added SIO frequency and voltage parameters added in Table 4
16, 17
Added Haptic in Table 5
19
Updated register bit description
63 - 89
Updated I2C frequency formula
44
Improved description at I2C bridge section
42 - 45
Improved description of Section 6.3 “Device state overview”
21 - 23
Updated tape and reel information
89
Changes from v1-00 to v2-00
Document security class is updated as “PUBLIC” in the footer
Command register TCOEFF: All changed to TCOEFFCHN
All
CAN mode updated to CAN mode (also called USE mode).
All
Rth: Added condition JEDEC 2s2p PCB
16
Improved text for OTP burning process
21
Changed INITIALIZED state to the same name as in OSP spec: UNINITIALIZED state
22
LVDS added: Up to 15pF capacitive load is supported
29
Parallel addressing: Added when branching is enabled via OTP and the branch address
range is defined in the OTP too, nevertheless R1 & G1 are not available as LED drivers.
32
Better description including current settings at channel clustering features
40
Added notes for I²C interface
44, 45
Added PSI explanation
50
Corrected payload of ASKVINFO, ASKTINFO to 16-bit
56
Corrected READADCDAT payload
58
Added SETTESTPW
59
Improved text for RESET
59
P4ERRORBIDIR; P4ERRORLOOP corrected to P4ERRBIDIR; P4ERRLOOP
61
Added payload table of Payload of ASKTINFO
62
Added payload table of Payload of ASKVINFO
62
Corrected I²C write and read command names
64, 65
Corrected address of I2CREAD, I2CWRITE in main text
64, 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com