Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 68Page - ams-OSRAM AG AS1163 Datasheet HTML 69Page - ams-OSRAM AG AS1163 Datasheet HTML 70Page - ams-OSRAM AG AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG AS1163 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
72 / 91
/
7.13.5
READTEMP (0x48)
Read temperature register.
No payload. Answer is 8-bit.
Table 28: READTEMP register
Addr: 0x48
READTEMP
Bit
Bit name
Default
Access
Bit description
7:0
TEMPVALUE[7:0]
0x0
R
8-bit value of the temperature sensor (see Chapter
6.4.1.2 for format)
7.13.6
READOTTH (0x4A)
Read OVERTEMPTH register. This register contains low and high thresholds for temperature
check.
No payload. Answer is 24-bit.
The values for OT_LOW_VALUE and OT_HI_VALUE are calculated with following formula:
OT_LOW | HI_VALUE = (Tj_C – 25) * 0.85 + 116
Table 29: Format of READOTTH register
Addr: 0x4A
READOTTH
Bit
Bit name
Default
Access
Bit description
23:18
Reserved
0x0
R
-
17:16
OT_CYCLE[1:0]
0x3
RW
“00” 1 cycle
“01” 2 cycles
“10” 3 cycles
“11” 4 cycles
15:8
OT_LOW_VALUE[7:0]
0xE6
RW
Low threshold
7:0
OT_HIGH_VALUE[7:0]
0xF0
RW
High threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com