Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 53Page - ams-OSRAM AG AS1163 Datasheet HTML 54Page - ams-OSRAM AG AS1163 Datasheet HTML 55Page - ams-OSRAM AG AS1163 Datasheet HTML 56Page - ams-OSRAM AG AS1163 Datasheet HTML 57Page - ams-OSRAM AG AS1163 Datasheet HTML 58Page - ams-OSRAM AG AS1163 Datasheet HTML 59Page - ams-OSRAM AG AS1163 Datasheet HTML 60Page - ams-OSRAM AG AS1163 Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
57 / 91
/
6 R/C(1)
5
SR(2)
4
3
2
1
0
Name
Function
Code
Broadcast /
multicast
Payload
sent #of
bit
Payload
answer # of
bit
0
SR
1
0
0
0
1
IDLE
OTP in idle
0x11
0x31
No
0
16 if SR
0
SR
1
0
0
1
0
FOUNDRY
OTP in foundry
0x12
0x32
No
0
16 if SR
0
SR
1
0
0
1
1
CUST
OTP in cust
mode
0x13
0x33
No
0
16 if SR
0
SR
1
0
1
0
0
BURN
OTP in burning
0x14
0x34
No
0
16 if SR
0
SR
1
0
1
0
1
AREAD
OTP analog
reag
0x15
0x35
No
0
16 if SR
0
SR
1
0
1
1
0
LOAD
OTP Load
0x16
0x36
No
0
16 if SR
0
SR
1
0
1
1
1
GLOAD
OTP Gload
0x17
0x37
No
0
16 if SR
0
SR
1
1
0
0
0
I2CREAD
Read I²C
0x18
0x38
Yes
24
16 if SR
0
SR
1
1
0
0
1
I2CWRITE
Write I²C
0x19
0x39
Yes
24-64
16 if SR
0
0
1
1
1
1
0
READLAST
Read last I²C
read
0x1E
No
0
64
(1) R/C indicates a “command” when R/C bit is 0 or indicates a “Register access” when R/C bit is 1.
(2) SR requests the Status Register response. SR = 0 means no answer is required, SR=1 requires the device to reply with
Status information. Not allowed for broadcast and multicast messages.
In case a command is broadcast to all devices (ADDRESS == 0x000), no device is allowed to
send out an answer.
For commands allowed to request a status from a device, bit no. 5 in command must be set.
This is only allowed when a command is addressing a specific device (ADDRESS > 0x000). A
device receiving a command with bit no.5 set (is allowed) will send back an answer to a
controller containing at 16-bit payload with STATUS and TEMPERATURE register content,
similar to the READTEMPSTAT command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com