Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 8Page - ams-OSRAM AG AS1163 Datasheet HTML 9Page - ams-OSRAM AG AS1163 Datasheet HTML 10Page - ams-OSRAM AG AS1163 Datasheet HTML 11Page - ams-OSRAM AG AS1163 Datasheet HTML 12Page - ams-OSRAM AG AS1163 Datasheet HTML 13Page - ams-OSRAM AG AS1163 Datasheet HTML 14Page - ams-OSRAM AG AS1163 Datasheet HTML 15Page - ams-OSRAM AG AS1163 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
AS1163
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
12 / 91
/
3.2
Pin description
Table 2: Pin description of AS1163
Pin number
Pin name
Pin type(1)
Description(2)
QFN 3x3 16
1
G0
ANA
Driver 1 of channel 0 (Green)
2
R0
ANA
Driver 0 of channel 0 (Red)
3
GNDP
PWR
Power ground
4
VDD
PWR
5 V power supply
5
SIO1P
ANA/DIO
Positive digital IO for SIO1 interface
6
SIO1N
ANA/DIO
Negative digital IO for SIO1 interface
7
GNDA
PWR
Analog ground
8
SIO2N
ANA/DIO
Negative digital IO for SIO2 interface, test-bus
9
SIO2P
ANA/DIO
Positive digital IO for SIO2 interface, test-bus
10
B2
ANA
Driver 2 of channel 2 (Blue), also INT
11
G2
ANA
Driver 1 of channel 2 (Green), also SCL
12
R2
ANA
Driver 0 of channel 2 (Red), also SDA
13
B1
ANA
Driver 2 of channel 1 (Blue), also SYNC
14
G1
ANA
Driver 1 of channel 1 (Green), also for parallel address configuration
15
R1
ANA
Driver 0 of channel 1 (Red), also for parallel address configuration
16
B0
ANA
Driver 2 of channel 0 (Blue)
(1) Explanation of abbreviations:
DIO
Digital input and output
ANA
Analog pin
PWR
Power pin
(2) Pin name: R, G and B are only for naming purposes, not necessarily to be bound to red, green or blue color.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com