Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 23Page - ams-OSRAM AG AS1163 Datasheet HTML 24Page - ams-OSRAM AG AS1163 Datasheet HTML 25Page - ams-OSRAM AG AS1163 Datasheet HTML 26Page - ams-OSRAM AG AS1163 Datasheet HTML 27Page - ams-OSRAM AG AS1163 Datasheet HTML 28Page - ams-OSRAM AG AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
27 / 91
/
The 9 drivers are addressable with the command payload with numbering from 1 to 9 in the
following order: R0, R1, R2, B0, B1, B2, G0, G1, G2.
From now on, the device alternates a forward voltage measurement with a temperature
measurement, until the command READADCDAT is received. This command returns the last
forward voltage measurement and causes the device to resume the measurement routine
across all active drivers
After a SETADC command a READADCDAT must follow. Changing PWM value or issuing a
new SETADC command requesting a measurement on a different driver is not permitted until
the previous result has been read.
6.4.1.1
DRVx Vf measurement routine
DRVx Vf measurements are triggered by the respective PWM signal and are valid only for
PWM duty cycles above the minimum conversion time or sampling time.
This sequence allows a temperature measurement nominally every 5.7 ms when PWM at
500Hz is selected with all PWM drivers on.
The adjusted temperature sensor reading is stored in the temperature register (8 bits right
aligned out of the 10 bits of the ADC), while the DRVx OUT voltage readings are constantly
updating the VFMAX register (only for drivers that are not used for addressing, synch pin or I²C
bridge) and is stored in the READADCDAT register.
If the ADC_VLED_MUX_CTRL field in the SETADCSET register specifies a particular driver to
be measured, the ADC will cycle between the specified voltage to be measured and the
temperature, and the READADCDAT register is filled with the selected measurement.
DRVx measurements are triggered only if the respective driver is active, because all DRVx
voltage measurements are synchronized with the PWM start signal. If a particular driver is not
active or PWM setting is 0x00, the measurement is skipped, unless the bit
ADC_VLED_DISABLE_SYNC is selected in the SETADCSET register (this is also valid when
a measurement is triggered with the ADC_VLED_MUX_CTRL). In this case, the driver output
remains high-Z. To be noted: Driver output measurements are always referred to VDD.
Moreover, to ensure a correct measurement, the PWM output must be still active during the
ADC sampling time , otherwise the voltage measurement is not saved.
This poses a limitation to the minimum PWM setting in combination with Vforward
measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com