Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 22Page - ams-OSRAM AG AS1163 Datasheet HTML 23Page - ams-OSRAM AG AS1163 Datasheet HTML 24Page - ams-OSRAM AG AS1163 Datasheet HTML 25Page - ams-OSRAM AG AS1163 Datasheet HTML 26Page - ams-OSRAM AG AS1163 Datasheet HTML 27Page - ams-OSRAM AG AS1163 Datasheet HTML 28Page - ams-OSRAM AG AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
26 / 91
/
Considering the 500 Hz mode as an example, PWM period is effectively <1.8ms (5% clk
tolerance included). After SETADC command, wait time is suggested to be two PWM cycles.
In this particular mode, the device alternates a temperature measurement with a Vforward
measurement of the selected driver. Once the ADC data is read, using the READADCDAT
command, the device returns to the default measurement routine.
In case no ADC measurement is requested, the internal measurement routine is observed
according to the PWM activation sequence, which results in a fresh reading nominally every
18ms. This is only relevant for the ASKVINFO functionality.
The picture below shows, not in scale, the behavior of the ADC when a measurement on a
specific driver is requested.
Figure 10: Typical behavior of the ADC
6.4.1
Measurement routine
The ADC, when enabled, is periodically executing a measurement routine:
•
Temperature sensor measurement
R0, R1, R2 Vf voltage
•
Temperature sensor measurement
B0, B1, B2 Vf voltage
•
Temperature sensor measurement
G0, G1, G2 Vf voltage
The temperature sensor reading is stored in the temperature register, while the forward voltage
readings (from R0 to G2 if applicable) are constantly updating the VFMAX register (only for
drivers that are not used for addressing, SYNC. pin or I²C bridge). VFMAX register stores the
largest forward voltage observed in the node.
Upon receiving the command SETADC, which specifies the particular driver of the total 9
drivers to be measured, the ADC DATA register is filled with the next measurement of the
specified driver output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com