Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 45Page - ams-OSRAM AG AS1163 Datasheet HTML 46Page - ams-OSRAM AG AS1163 Datasheet HTML 47Page - ams-OSRAM AG AS1163 Datasheet HTML 48Page - ams-OSRAM AG AS1163 Datasheet HTML 49Page - ams-OSRAM AG AS1163 Datasheet HTML 50Page - ams-OSRAM AG AS1163 Datasheet HTML 51Page - ams-OSRAM AG AS1163 Datasheet HTML 52Page - ams-OSRAM AG AS1163 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
49 / 91
/
6.11.4
Driver fault – LED short to VDD
Set STATUS.LOS_FLAG (bit 2) when there is an LED short event (see also LED open).
READLEDSTCHN register shows the detailed error status.
A fault can be detected while a driver is active and the PWM value is larger than the minimum
PWM value set in the OTP non-customer area). This behavior is related to parameter
LED_Pers.
This function is available while the device is in active mode and at least 1 full PWM frame after
active mode is entered. Also, after a READSTAT, READLEDSTCHN (which clear the flags) at
least 1 full PWM frame is needed to re-check the status.
The flag bit will be deleted, when the Status Register is requested by host and the
corresponding fault is no longer present.
Note: Default (minimal PWM) value is 512. At high quantity orders, other threshold values can
be programed by ams OSRAM.
Table 15: Min PWM values for SHORT detection
OTP bit1
OTP bit 0
OPEN/SHORT min. PWM threshold value
0
0
512
0
1
-
1
0
-
1
1
-
6.11.5
Driver fault – LED open
Set STATUS.LOS_FLAG (bit 2) when there is an LED open event (see also LED short).
READLEDSTCHN register shows the detailed error status.
A fault can be detected while a driver is active and the PWM value exceeds the minimum
PWM value set in the OTP non-customer area (. This behavior is related to parameter
LED_Pers.
This function is available while the device is in active mode and at least 1 full PWM frame after
active mode is entered.
The flag bit will be deleted, when the Status Register is requested by host and the
corresponding fault is no longer present.
Note: Default value is 512. At high quantity orders, other threshold values can be programed
by ams OSRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com