Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 26Page - ams-OSRAM AG AS1163 Datasheet HTML 27Page - ams-OSRAM AG AS1163 Datasheet HTML 28Page - ams-OSRAM AG AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG AS1163 Datasheet HTML 32Page - ams-OSRAM AG AS1163 Datasheet HTML 33Page - ams-OSRAM AG AS1163 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
30 / 91
/
The SIO mode is defined by pull-up/pull-down resistors connected to the SIO pins. A device
will monitor each SIO pin at startup to detect the programmed SIO mode for SIO1 and SIO2.
The recommended value for the pull-up and pull-down resistors is 10 kOhm. SAID SIO ports
are equipped with an internal typical pull-down resistance of 100kOhm, so each of the listed
pull-down cases may leave out the external pull-down. An external pull-down is recommended.
Table 8: SIO communication modes vs. pull-up/down resistors
SIOx_P
SIOx_N
R @ SIOx_P
R @
SIOx_N
Input
Output
Input
Output
Comment
Pdown
Pdown
LVDS
(Manchester)
LVDS
(Manchester)
LVDS
(Manchester)
LVDS
(Manchester)
LVDS mode
Pdown
Pup
-
Data (NRZ)
-
Clock (NRZ)
MCU mode
EOL
Pup
Pdown
Clk & Data
(Manchester)
Data (NRZ)
-
Clock (NRZ)
MCU mode,
normal
(Type A)
Pup
Pdown
Data (NRZ)
Only SIO1
port
-
Clock(NRZ)
Only SIO1
port
-
MCU normal
mode (Type
B), 2 wire
SPI
(selectable
with OTP)
Pup
Pup
-
Clk & Data
(Manchester)
Clk & Data
(Manchester)
-
CAN mode
Additionally, the normal MCU communication mode is improved to require less computational
power on the MCU side:
•
SIO1_N is by default high (always output driving the pad high instead of communicating
input/output like SIO1_P). This will help to correctly sample the data on the posedge of
SIO1_N clock avoiding spurious posedge transitions at the start of the device answer.
•
Device will wait 5 µs before to start an answer. This will leave more time to the MCU to
reconfigure the interface direction.
The typical data rate is 2.4 Mbps.
The minimum break time between two consecutive telegrams sent by the MCU is 2 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com