Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 52Page - ams-OSRAM AG AS1163 Datasheet HTML 53Page - ams-OSRAM AG AS1163 Datasheet HTML 54Page - ams-OSRAM AG AS1163 Datasheet HTML 55Page - ams-OSRAM AG AS1163 Datasheet HTML 56Page - ams-OSRAM AG AS1163 Datasheet HTML 57Page - ams-OSRAM AG AS1163 Datasheet HTML 58Page - ams-OSRAM AG AS1163 Datasheet HTML 59Page - ams-OSRAM AG AS1163 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
56 / 91
/
7.10
Command overview
The structure of the available 7 bits for a command (= command encoding) is as shown in
Table 19. For each command and a potential answer sent back to a MCU, the payload is
defined. Payload is transmitted with MSB-first (big-endian).
Device registers are used to control the device behavior and can be used to monitor the device
status. A register can be read only or can support read/write operations, following the marking
below:
R: Bit or bit field is read only.
RW: Bit or bit field can be written and read.
RC: Bit or bit field is read only and bit(s) will be automatically cleared after readout.
W: Bit or bit field is write only, readout will deliver always 0.
Table 19: Command overview
6 R/C(1)
5
SR(2)
4
3
2
1
0
Name
Function
Code
Broadcast /
multicast
Payload
sent #of
bit
Payload
answer # of
bit
0
0
0
0
0
0
0
RESET
Reset
0x00
Yes
0
-
0
SR
0
0
0
0
1
CLRERROR
Clear error flag
0x01
0x21
Yes
0
16 if SR
0
0
0
0
0
1
0
INITBIDIR
Init Address
bidir
0x02
Serial
0
16
0
0
0
0
0
1
1
INITLOOP
Init address
loopback
0x03
Serial
0
16
0
SR
0
0
1
0
0
GOSLEEP
Enter sleep
0x04
0x24
Yes
0
16 if SR
0
SR
0
0
1
0
1
GOACTIVE
Go Active
0x05
0x25
Yes
0
16 if SR
0
SR
0
0
1
1
0
GODEEPSLEEP
Deep Sleep
0x06
0x26
Yes
0
16 if SR
0
0
0
0
1
1
1
IDENTIFY
Ask device ID
0x07
No
0
32
0
0
0
1
0
0
0
P4ERRBIDIR
Ping4Err in bidir
mode
0x08
Serial
0
16
0
0
0
1
0
0
1
P4ERRLOOP
Ping4Err in
loopback
0x09
Serial
0
16
0
0
0
1
0
1
0
ASKTINFO
Max/Min Temp
feedback
0x0A
Serial
0/16
16
0
0
0
1
0
1
1
ASKVINFO
Max/Min Volt
feedback
0x0B
Serial
0/16
16
0
0
0
1
1
0
0
READMULT
Read multicast
reg
0x0C
No
0
16
0
SR
0
1
1
0
1
SETMULT
Set multicast
reg
0X0D
0x2D
No
16
16 if SR
0
0
0
1
1
1
1
SYNC
Sync chain
0x0F
Yes
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com