Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 87 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 87 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG AS1163 Datasheet HTML 87Page - ams-OSRAM AG AS1163 Datasheet HTML 88Page - ams-OSRAM AG AS1163 Datasheet HTML 89Page - ams-OSRAM AG AS1163 Datasheet HTML 90Page - ams-OSRAM AG AS1163 Datasheet HTML 91Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
AS1163
Tape & reel information
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
87 / 91
/
9
Tape & reel information
Figure 35: AS1163 tape and reel
Table 40: Reel dimensions
A
W
Nmin
W1
W2max
Pieces per PU
330 mm
12 + 0.3/-0.3 mm
102 mm
12.8 mm
18.2 mm
5000
180 mm
12 + 0.3/-0.3 mm
60 mm
12.4 +2/-0 mm
18.4 mm max
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com