Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 10Page - ams-OSRAM AG AS1163 Datasheet HTML 11Page - ams-OSRAM AG AS1163 Datasheet HTML 12Page - ams-OSRAM AG AS1163 Datasheet HTML 13Page - ams-OSRAM AG AS1163 Datasheet HTML 14Page - ams-OSRAM AG AS1163 Datasheet HTML 15Page - ams-OSRAM AG AS1163 Datasheet HTML 16Page - ams-OSRAM AG AS1163 Datasheet HTML 17Page - ams-OSRAM AG AS1163 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
AS1163
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
14 / 91
/
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods. Voltages are referred to the
GNDA pin unless differently specified.
Table 4: Electrical characteristics of AS1163
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Startup time
1
ms
VDD_com_stop
VDD communication
stop (stop of
communication when
VDD drops below)
3
V
VDD
Positive supply
voltage
4.3
5.5
V
IDD
Supply current
All drivers at full
current
50
mA
IDD_sleep
Sleep current
1.6
mA
IDD_Dsleep
Deep sleep current
1.5
mA
VLED_Head
Min headroom LED
driver
1% current
compression
relative to 2.5V
600
mV
LED_Short
LED short detection
threshold
VDD-1.8
VDD-1.2
VDD-0.5
V
LED_Open
LED open detection
threshold
50
250
550
mV
LED_Pers
Minimum PWM
duration and fault
duration for
LED_open /
LED_Short
functionality
27
µs
ILED_abs_acc
LED current absolute
accuracy
Max ILED
absolute driver
accuracy. Over
the whole
temperature
range and max
current setting.
Tested with
VDD=5V
-8.5
8.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com