Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 78 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 78 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG AS1163 Datasheet HTML 76Page - ams-OSRAM AG AS1163 Datasheet HTML 77Page - ams-OSRAM AG AS1163 Datasheet HTML 78Page - ams-OSRAM AG AS1163 Datasheet HTML 79Page - ams-OSRAM AG AS1163 Datasheet HTML 80Page - ams-OSRAM AG AS1163 Datasheet HTML 81Page - ams-OSRAM AG AS1163 Datasheet HTML 82Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
78 / 91
/
7.13.12
READCURCHN (0x50)
There is a READCURCHN command for reading each individual LED driver DC current level.
Payload is 8-bit to select LED channel to read (0, 1, or 2).
Broadcast is not allowed.
Answer: 12-bit current configuration for the selected channel.
Table 34: Format of READCURCHN register
Addr: 0x50
READCURCHN
Bit
Bit name
Default
Access
Bit description
15
reserved
0x0
RW
Must be set to 0
14
SYNC_EN
0x0
RW
Enable synchronization of PWM register for the chain:
the values written in PWM register are transferred to
the PWM engine only after that a SYNC command is
received or the SYNC pin is triggered.
13
hyb
0x0
RW
Must be set to 0
12
DITHERING_EN
0x0
RW
Enable dithering mode, PWM frequency will be 4 kHz
for PWM values > 8 LSB
11:8
PWM_CURR_RED[3:0]
0x0
RW
This value selects the current output of RED PWM
driver.
Allowed values in normal operation are from 0 to 4.
Values higher than 8 are used only for low current
testing.
7:4
PWM_CURR_GREEN[3:0]
0x0
RW
This value selects the current output of GREEN PWM
driver.
Allowed values in normal operation are from 0 to 4.
Values higher than 8 are used only for low current
testing.
3:0
PWM_CURR_BLUE[3:0]
0x0
RW
This value selects the current output of BLUE PWM
driver.
Allowed values in normal operation are from 0 to 4.
Values higher than 8 are used only for low current
testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com