Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 38Page - ams-OSRAM AG AS1163 Datasheet HTML 39Page - ams-OSRAM AG AS1163 Datasheet HTML 40Page - ams-OSRAM AG AS1163 Datasheet HTML 41Page - ams-OSRAM AG AS1163 Datasheet HTML 42Page - ams-OSRAM AG AS1163 Datasheet HTML 43Page - ams-OSRAM AG AS1163 Datasheet HTML 44Page - ams-OSRAM AG AS1163 Datasheet HTML 45Page - ams-OSRAM AG AS1163 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
42 / 91
/
6.7
PWM control
PWM engine has a resolution of 15 bits @ 500 Hz and 14 bits @ 1 kHz nominal frame rate,
while the PWM word is 16 bits including 1 extra bit for the dithering function.
The additional LSB can be used also for an automatic dithering functionality, where the LSB
value is toggled every frame. This can work with 14 bits or 15 bits PWM modes and also with
full dithering mode.
6.7.1
PWM LSB dithering (Auto dithering)
The engine cannot work natively with 16 bits, as the resulting PWM carrier frequency would be
too low for high quality lighting (ghosting, flicker effects).
An interpolation mechanism is provided, which automatically activates if the LSB is 1.
For example, if the 16-bit PWM register is set to 2, the PWM will execute the code 1 in 15-bit
word, furthermore, setting it to 3 will result in the alternate execution of codes 1 and 2 in a
15-bit word. Same behavior is followed in 1 kHz mode, when the PWM will use only 14-bit: In
this case the code 4 in 16-bit word will be executed as 1 in a 14-bit word, and the code 6 will
be executed alternatively with the codes 1 and 2 in 14-bit word (the LSB of the 16-bit word will
be discarded with the 1 kHz mode).
Information:
With 500 Hz mode, LSB dithering will be disabled if the register is written with 0xFFFF (it
would cause a wrap around) and with 0x0001 (it will cause continuous ON and OFF states of
the PWM driver).
With 1 kHz mode, LSB dithering will be disabled if the register is written with 0xFFFE and
0xFFFF (it would cause a wrap around) and with 0x0002 (it will cause continuous ON and OFF
states of the PWM driver).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com