Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 16Page - ams-OSRAM AG AS1163 Datasheet HTML 17Page - ams-OSRAM AG AS1163 Datasheet HTML 18Page - ams-OSRAM AG AS1163 Datasheet HTML 19Page - ams-OSRAM AG AS1163 Datasheet HTML 20Page - ams-OSRAM AG AS1163 Datasheet HTML 21Page - ams-OSRAM AG AS1163 Datasheet HTML 22Page - ams-OSRAM AG AS1163 Datasheet HTML 23Page - ams-OSRAM AG AS1163 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
20 / 91
/
6.2
One time programmable memory (OTP)
The OTP contains trimming data burned at manufacturing as well as configuration bits.
Bytes from 13 to 31 (0x0D to 0x1F) are dedicated to customer settings and customer data.
They contain bits for enabling the I²C bridge, various star configuration aspects, enabling sync
via pin, SPI mode communication in MCU mode, haptic driver enabling and channel clustering.
Remaining bytes can be used to store customer LED calibration data or other data to be read
from the MCU.
At startup the OTP is copied to a RAM, so registers can be overridden at run-time and this
operation is non-persistent unless a burn follows. Since some configuration bits (eg.
SPI_mode) are read at boot, overriding them in RAM is not effective at run-time, unless a reset
telegram is issued.
Table 6: OTP customer area
OTP
address
Bits
7
6
5
4
3
2
1
0
0D
CH_clustering[2:0]
haptic_driver
SPI_mode
sync_pin_en
star_net_en
i2c_bridge_en
0E
otp_add_en
star_net_otp_addr[2:0]
0F
10
11
12
13
14
15
16
17
18
19
1A
1B
1C
1D
1E
Cust_l
ock
1F
CRC2<7:0> (could also be used for other data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com