Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 39Page - ams-OSRAM AG AS1163 Datasheet HTML 40Page - ams-OSRAM AG AS1163 Datasheet HTML 41Page - ams-OSRAM AG AS1163 Datasheet HTML 42Page - ams-OSRAM AG AS1163 Datasheet HTML 43Page - ams-OSRAM AG AS1163 Datasheet HTML 44Page - ams-OSRAM AG AS1163 Datasheet HTML 45Page - ams-OSRAM AG AS1163 Datasheet HTML 46Page - ams-OSRAM AG AS1163 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
43 / 91
/
6.7.2
PWM dithering
The PWM dithering function is meant to increase the effective PWM carrier frequency. In order
to reduce under-sampling artifacts in human vision, the PWM duty cycle is broken down in 8
equally spaced pulses.
Setting the DITHERING_EN bit in the CURRENT register will enable the dithering functionality
on the PWM engine. The automatic dithering to extend the 15-bit mode to 16-bit will remain
active, but the dithering setting will have effect on the 15-bit PWM engine. The dithering mode
must be used with 500 Hz mode only. The normal PWM period is divided in 8 parts, and the
PWM high period is also divided by 8, so that the nominal PWM frequency becomes 4 kHz
(4688 Hz in reality) for every PWM code that is higher than 8 LSB in the 15-bit word (16 bits in
the 16-bit word).
For PWM settings lower than 8, the period is divided by the number of high-cycles (the
effective frequency will depend on this number).
For PWM settings that result in a number of high-cycles distant less than 8 cycles from full-
scale, the period is nevertheless sub-divided in 8 parts by a low cycle. This results in an
effective maximum PWM setting of full-scale minus 8. This means that the maximum value that
is representable without saturation is 0xFFF8, all other higher values are saturated to the
maximum PWM output.
6.7.3
PWM frequency selection
The PWM frame frequency is programmable with the settings being 160 Hz, 320 Hz, 500 Hz,
1 kHz. The first two settings are meant to be used for the external haptic actuator driving.
Approximations to the values, to achieve the frequencies by division from the clock frequency
are accepted.
6.7.4
PWM linearity
The integral nonlinearity (INL) of the PWM after removal of systematic offsets is less than 0.2
LSB over the full PWM operating range.
6.7.5
PWM phase shift
Each driver is shifted by 1/9 of period respect to the other drivers (in this way every 1/9 of a
period 1 driver is active at low duty cycles).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com