Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 18Page - ams-OSRAM AG AS1163 Datasheet HTML 19Page - ams-OSRAM AG AS1163 Datasheet HTML 20Page - ams-OSRAM AG AS1163 Datasheet HTML 21Page - ams-OSRAM AG AS1163 Datasheet HTML 22Page - ams-OSRAM AG AS1163 Datasheet HTML 23Page - ams-OSRAM AG AS1163 Datasheet HTML 24Page - ams-OSRAM AG AS1163 Datasheet HTML 25Page - ams-OSRAM AG AS1163 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
22 / 91
/
6.3
Device state overview
Once the VDD supply is above the UVLO threshold and after an internal pre-defined startup
time the device is ready for communication. The device does not lose functionality until VDD
drops below the typical value of 2.6V. Internal startup time is below 1 ms.
Figure 8: Device state machine
6.3.1
UNINITIALIZED state
The device will reach the UNINITIALIZED state after power up, a power cycle from any other
state or via RESET command. In this state the register content is lost and reset to defaults.
PWM values are 0, LED drivers are disabled. Address is 0. From application point of view, the
nodes in the daisy chain must be assigned an address and each node is waiting for the first
correct telegram. Nodes are accepting only a limited number of telegrams in this state:
•
INITBIDIR or INITLOOP (bi-directional or loop back mode respectively)
•
RESET
•
CLRERROR
•
P4ERRBIDIR or P4ERRLOOP (bi-directional or loop back mode respectively)
•
Register broadcast writes
Any other or incorrect telegrams are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com