Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 73 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 73 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 69Page - ams-OSRAM AG AS1163 Datasheet HTML 70Page - ams-OSRAM AG AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG AS1163 Datasheet HTML 74Page - ams-OSRAM AG AS1163 Datasheet HTML 75Page - ams-OSRAM AG AS1163 Datasheet HTML 76Page - ams-OSRAM AG AS1163 Datasheet HTML 77Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
73 / 91
/
The OT_LOW_VALUE and OT_HIGH_VALUE are defined in the register. For reset values, the
overtemperature hysteresis (the difference between low threshold and high threshold) is 10
LSB.
7.13.7
SETOTTH (0x4B)
Set OVERTEMPTH register. This register contains low and high thresholds for temperature
check.
Payload is 24-bit. No answer (16-bit TEMPSTAT register if SR bit is set).
The OT_LOW_VALUE and OT_HIGH_VALUE are defined in the register. For reset values, the
overtemperature hysteresis (the difference between low threshold and high threshold) is 10
LSB.
7.13.8
READSETUP (0x4C)
Read SETUP register. No payload. Answer is 8-bit.
Table 30: Format of READSETUP register
Addr: 0x4C
READSETUP
Bit
Bit name
Default
Access
Bit description
7
FAST_PWM
0x0
RW
This bit allows to control the PWM speed and by this the
dynamic range of the color:
0: 500Hz PWM frame rate with 15 bits dynamic range
1: 1000Hz PWM frame rate with 14 bits dynamic range
6
COM_INV
0x0
RW
This bit does control the clock polarity for transmitted
telegrams in “MCU mode”. See chapter 6.5.3 for more
details.
5
CRC_EN
0x0
RW
When set to 1, the CRC check is performed on all
received telegrams.
4
OTP_FSAVE
0x1
RW
This bit controls how a device behaves when an OTP
signature error is detected:
0: Detected error will be set only the flag:
TEST_FLAG@STATUS
No error answer to P4EVENT command.
1: Detected error will set flag and put device into SLEEP
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com