Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 59 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 59 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 55Page - ams-OSRAM AG AS1163 Datasheet HTML 56Page - ams-OSRAM AG AS1163 Datasheet HTML 57Page - ams-OSRAM AG AS1163 Datasheet HTML 58Page - ams-OSRAM AG AS1163 Datasheet HTML 59Page - ams-OSRAM AG AS1163 Datasheet HTML 60Page - ams-OSRAM AG AS1163 Datasheet HTML 61Page - ams-OSRAM AG AS1163 Datasheet HTML 62Page - ams-OSRAM AG AS1163 Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
59 / 91
/
6
R/C(1)
5
SR(2)
4
3
2
1
0
W/R
Name
Function
Code
Broadcast/
multicast
Payload
sent # of
bit
Payload
answer # of
bit
1
SR
1
1
1
1
1
SETTESTPW
Set
TESTPW
0x5F
0x7F
No
48
16 if SR
(1) R/C indicates a “command” when R/C bit is 0 or indicates a “Register access” when R/C bit is 1.
(2) SR requests the Status Register response. SR = 0 means no answer is required, SR=1 requires the device to reply with
Status information. Not allowed for broadcast and multicast messages.
7.12
Telegram commands
7.12.1
RESET (0x00)
Performs complete reset of one or all devices (RESET access takes time; wait 150µs after
sending this telegram before sending next.), goes into default state, delete error flags, all
registers are reset to their default, this includes the devices address (no longer in "addressed"
state) but excludes the OTP P2RAM.
Due to its startup behavior, the AS1163 comes out of RESET with the OV-FLAG set blocking
the AS1163 to execute a GOACTIVE telegram. It is advised to send a CLRERROR after INIT.
7.12.2
CLRERROR (0x01)
Clears all error flags, if an error still exists (for example short/open), the error flag is set again.
7.12.3
INITBIDIR (0x02)
This command initializes the chain of SAIDs in bidirectional mode.
If a device is not addressed: Device sets device address to received ADDRESS, transfers
same command with new address field ADDRESS+1 to next device. Last device sends
TEMPSTAT register with device address to controller.
This command will set the answer direction to controller to BIDIR mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com