Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 13Page - ams-OSRAM AG AS1163 Datasheet HTML 14Page - ams-OSRAM AG AS1163 Datasheet HTML 15Page - ams-OSRAM AG AS1163 Datasheet HTML 16Page - ams-OSRAM AG AS1163 Datasheet HTML 17Page - ams-OSRAM AG AS1163 Datasheet HTML 18Page - ams-OSRAM AG AS1163 Datasheet HTML 19Page - ams-OSRAM AG AS1163 Datasheet HTML 20Page - ams-OSRAM AG AS1163 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
AS1163
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
17 / 91
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DUTY_com_can
Allowed input duty
cycle in CAN RTX
mode. Tested with
VDD=5V.
40
55
%
Time between
consecutive
telegrams from MCU
Dependent on
length of daisy
chain
8.3
µs
VIH_SE
High level input
voltage single ended
communication
2.4
VDD+0.3
V
VIL_SE
Low level input
voltage single ended
communication
-0.3
0.7
V
LVDS_VCM
LVDS common mode
voltage with active
communication
1.2
V
LVDS_VDIFF
LVDS differential
voltage
300
mV
LVDS_VCM_IDLE
LVDS common mode
voltage with no active
communication
0
V
LVDS_RTERM
LVDS termination
resistance
Included in the
IC
200
Ohm
LVDS_ITX
LVDS current
1.5
mA
(1) Channel to channel relative accuracy is calculated with the following formulas:
ILED_C2C_Mis(ch0_x) = ((0.5*I(ch0_x) – average(0.5*I(ch0_RGB),I(ch1_RGB),I(ch2_RGB)) /
average(0.5*I(ch0_RGB),I(ch1_RGB),I(ch2_RGB)))*100
ILED_C2C_Mis(ch1_x) = ((I(ch1_x) – average(0.5*I(ch0_RGB),I(ch1_RGB),I(ch2_RGB)) /
average(0.5*I(ch0_RGB),I(ch1_RGB),I(ch2_RGB)))*100,
ILED_C2C_Mis(ch2_x) = ((I(ch2_x) – average(0.5*I(ch0_RGB),I(ch1_RGB),I(ch2_RGB)) /
average(0.5*I(ch0_RGB),I(ch1_RGB),I(ch2_RGB)))*100,
Where:
a)
ILED_C2C_Mis(ch0_x) refers to a general driver x inside channel 0, for example: ch0_R refers to the R driver in channel
0. Similarly, for ILED_C2C_Mis(ch1_x), ILED_C2C_Mis(ch2_x).
b)
I(ch0_x) refers to the high current level of a particular driver in channel 0. Similarly, for I(ch1_x) and I(ch2_x)
c)
I(ch0_RGB) refers to the sum of the high current levels for the drivers belonging to channel 0. Similarly, for I(ch1_RGB)
and I(ch2_RGB).
(2) In-channel relative accuracy is calculated with the following formula:
ILED_Mis(chx_y) = ((I(chx_y) – average(I(chx_RGB))) / average(I(chx_RGB)))*100
Where:
a)
ILED_Mis(chx_y) refers to a general driver y inside a general channel x, for example: ch0_R refers to the R driver in
channel 0.
b)
I(chx_y) refers to the high current level of a general driver y in a general channel x.
c)
I(chx_RGB) refers to the sum of the high current levels of all drivers belonging to a general channel x.
(3) LED drivers can be used as receiving path for I²C bridge, Sync pin, parallel address setting by external HW.
(4) Relative accuracy. For absolute accuracy, calibration in applications is necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com