Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 31 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices ADSP-BF504 Datasheet HTML 29Page - Analog Devices ADSP-BF504 Datasheet HTML 30Page - Analog Devices ADSP-BF504 Datasheet HTML 31Page - Analog Devices ADSP-BF504 Datasheet HTML 32Page - Analog Devices ADSP-BF504 Datasheet HTML 33Page - Analog Devices ADSP-BF504 Datasheet HTML 34Page - Analog Devices ADSP-BF504 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 31 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
PROCESSOR — TIMING SPECIFICATIONS
Clock and Reset Timing
Table 23 and Figure 10 describe clock and reset operations. Per
the CCLK and SCLK timing specifications in Table 14 to
Table 16, combinations of CLKIN and clock multipliers must
not select core/peripheral clocks in excess of the processor’s
speed grade.
Table 23. Clock and Reset Timing
Parameter
Min
Max
Unit
Timing Requirements
fCKIN
CLKIN Frequency1, 2, 3, 4
12
50
MHz
tCKINL
CLKIN Low Pulse1
10
ns
tCKINH
CLKIN High Pulse1
10
ns
tWRST
RESET Asserted Pulse Width Low
5
11 × tCKIN
ns
Switching Characteristic
tBUFDLAY
CLKIN to CLKBUF Delay
10
ns
1 Applies to PLL bypass mode and PLL non bypass mode.
2 Combinations of the CLKIN frequency and the PLL clock multiplier must not exceed the allowed f
VCO, fCCLK, and fSCLK settings discussed in Table 14 on Page 26 through
Table 16 on Page 26.
3 The t
CKIN period (see Figure 10) equals 1/fCKIN.
4 If the DF bit in the PLL_CTL register is set, the minimum fCKIN specification is 24 MHz.
5 Applies after power-up sequence is complete. See Table 24 and Figure 11 for power-up reset timing.
Figure 10. Clock and Reset Timing
CLKIN
tWRST
tCKIN
tCKINL
tCKINH
tBUFDLAY
tBUFDLAY
RESET
CLKBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com