Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 55 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 51Page - Analog Devices ADSP-BF504 Datasheet HTML 52Page - Analog Devices ADSP-BF504 Datasheet HTML 53Page - Analog Devices ADSP-BF504 Datasheet HTML 54Page - Analog Devices ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices ADSP-BF504 Datasheet HTML 58Page - Analog Devices ADSP-BF504 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 55 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
DIGITAL LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V min
no DC load (IOH = 0 mA)
Output Low Voltage, VOL
0.4
V max
no DC load (IOL = 0 mA)
Floating State Leakage Current
±1
μA max
VIN = 0V or VDRIVE
Floating State Output Capacitance4
7
pF typ
Output Coding8
Straight (natural) binary
SGL/DIFF = 1
Twos complement
SGL/DIFF = 0; SGL/DIFF = 1
1 VIN– or VIN+ must remain within GND/VDD.
2 VIN– = 0V for specified performance. For full input range on VIN– pin, see Figure 80 and Figure 81.
3 For full common-mode range, see Figure 76 and Figure 77.
4 Sample tested during initial release to ensure compliance.
5 Relates to Pin DCAPA or Pin DCAPB.
6 See ADC — Terminology on Page 60.
7 External voltage reference applied to Pins DCAPA, Pin DCAPB (VREF)
8 See Table 50 and Table 51.
Table 46. Operating Conditions (ADC Performance/Accuracy)
Parameter
Specification
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)
71
dB min
fIN = 50 kHz sine wave; differential mode
69
dB min
fIN = 50 kHz sine wave; single-ended and
pseudo differential modes
Signal-to-(Noise + Distortion) Ratio (SINAD)1 70
dB min
fIN = 50 kHz sine wave; differential mode
68
dB min
fIN = 50 kHz sine wave; single-ended and
pseudo differential modes
Total Harmonic Distortion (THD)
1
–77
dB max
fIN = 50 kHz sine wave; differential mode
–73
dB max
fIN = 50 kHz sine wave; single-ended and
pseudo differential modes
Spurious-Free Dynamic Range (SFDR)1
–75
dB max
fIN = 50 kHz sine wave
Intermodulation Distortion (IMD)1
fa = 30 kHz, fb = 50 kHz
Second-Order Terms
–88
dB typ
Third-Order Terms
–88
dB typ
Channel-to-Channel Isolation
–88
dB typ
SAMPLE AND HOLD
Aperture Delay2
11
ns max
Aperture Jitter2
50
ps typ
Aperture Delay Matching2
200
ps max
Full Power Bandwidth
33/26
MHz typ
@ 3 dB, AVDD, DVDD = 5 V/AVDD, DVDD = 3 V
3.5/3
MHz typ
@ 0.1 dB, AVDD, DVDD = 5 V/AVDD, DVDD = 3 V
Table 45. Operating Conditions (Analog, Voltage Reference, and Logic I/O) (Continued)
Parameter
Specification
Unit
Test Conditions/Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com