Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 29 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 25Page - Analog Devices ADSP-BF504 Datasheet HTML 26Page - Analog Devices ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices ADSP-BF504 Datasheet HTML 29Page - Analog Devices ADSP-BF504 Datasheet HTML 30Page - Analog Devices ADSP-BF504 Datasheet HTML 31Page - Analog Devices ADSP-BF504 Datasheet HTML 32Page - Analog Devices ADSP-BF504 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 29 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Total Power Dissipation
Total power dissipation has two components:
1. Static, including leakage current
2. Dynamic, due to transistor switching characteristics
Many operating conditions can also affect power dissipation,
including temperature, voltage, operating frequency, and pro-
cessor activity. Processor — Electrical Characteristics on
Page 27 shows the current dissipation for internal circuitry
(VDDINT). IDDDEEPSLEEP specifies static power dissipation as a func-
tion of voltage (VDDINT) and temperature (see Table 18), and
IDDINT specifies the total power specification for the listed test
conditions, including the dynamic component as a function of
voltage (VDDINT) and frequency (Table 19).
There are two parts to the dynamic component. The first part is
due to transistor switching in the core clock (CCLK) domain.
This part is subject to an Activity Scaling Factor (ASF) which
represents application code running on the processor core and
L1 memories (Table 17).
The ASF is combined with the CCLK Frequency and VDDINT
dependent data in Table 19 to calculate this part. The second
part is due to transistor switching in the system clock (SCLK)
domain, which is included in the IDDINT specification equation.
Table 17. Activity Scaling Factors (ASF)1
1 See Estimating Power for ASDP-BF534/BF536/BF537 Blackfin Processors
(EE-297). The power vector information also applies to the ADSP-BF50x
processors.
IDDINT Power Vector
Activity Scaling Factor (ASF)
IDD-PEAK
TBD
IDD-HIGH
TBD
IDD-TYP
TBD
IDD-APP
TBD
IDD-NOP
TBD
IDD-IDLE
TBD
Table 18. Preliminary ADSP-BF50x Static Current — IDD-DEEPSLEEP (mA)
TJ (°C)
1
Voltage (VDDINT)
1
TBD V
TBD V
TBD V
TBD V
TBD V
TBD V
TBD V
TBD V
–40
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
–20
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
0
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
25
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
40
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
55
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
70
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
85
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
100
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
105
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
1 Valid temperature and voltage ranges are model-specific. See Processor — Operating Conditions on Page 25.
Table 19. Preliminary ADSP-BF50x Dynamic Current in CCLK Domain (mA, with ASF = 1.0)1
fCCLK
(MHz)2
Voltage (VDDINT)
2
TBD V
TBD V
TBD V
TBD V
TBD V
TBD V
TBD V
TBD V
400
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
300
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
200
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
100
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
1 The values are not guaranteed as standalone maximum specifications. They must be combined with static current per the equations of Processor — Electrical Characteristics
on Page 27.
2 Valid frequency and voltage ranges are model-specific. See Processor — Operating Conditions on Page 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com