Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 69 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 65Page - Analog Devices ADSP-BF504 Datasheet HTML 66Page - Analog Devices ADSP-BF504 Datasheet HTML 67Page - Analog Devices ADSP-BF504 Datasheet HTML 68Page - Analog Devices ADSP-BF504 Datasheet HTML 69Page - Analog Devices ADSP-BF504 Datasheet HTML 70Page - Analog Devices ADSP-BF504 Datasheet HTML 71Page - Analog Devices ADSP-BF504 Datasheet HTML 72Page - Analog Devices ADSP-BF504 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 69 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Power-Up Times
As described in detail, the ADC has two power-down modes,
partial power-down and full power-down. This section deals
with the power-up time required when coming out of either of
these modes. It should be noted that the power-up times, as
explained in this section, apply with the recommended capaci-
tors in place on the DCAPA and DCAPB pins.
To power up from full power-down, approximately 1.5 ms
should be allowed from the falling edge of CS, shown as
tPOWER-UP2 in Figure 90 (Exiting Full Power-Down Mode). Pow-
ering up from partial power-down requires much less time. The
power-up time from partial power-down is typically 1 μs; how-
ever, if using the internal reference, then the ADC must be in
partial power-down for at least 67 μs in order for this power-up
time to apply.
When power supplies are first applied to the ADC, the ADC
may power up in either of the power-down modes or normal
mode. Because of this, it is best to allow a dummy cycle to elapse
to ensure the part is fully powered up before attempting a valid
conversion. Likewise, if it is intended to keep the part in the par-
tial power-down mode immediately after the supplies are
applied, then two dummy cycles must be initiated. The first
dummy cycle must hold CS low until after the 10th ADSCLK
falling edge (see Figure 86 (Normal Mode Operation)); in the
second cycle, CS must be brought high before the 10th ADSCLK
edge but after the second ADSCLK falling edge (see Figure 87
(Entering Partial Power-Down Mode)). Alternatively, if it is
intended to place the part in full power-down mode when the
supplies are applied, then three dummy cycles must be initiated.
The first dummy cycle must hold CS low until after the 10th
ADSCLK falling edge (see Figure 86 (Normal Mode Opera-
tion)); the second and third dummy cycles place the part in full
power-down (see Figure 89 (Entering Full Power-Down
Mode)).
Once supplies are applied to the ADC, enough time must be
allowed for any external reference to power up and charge the
various reference buffer decoupling capacitors to their final
values.
Power vs. Throughput Rate
The power consumption of the ADC varies with the throughput
rate. When using very slow throughput rates and as fast an
ADSCLK frequency as possible, the various power-down
options can be used to make significant power savings. How-
ever, the ADC quiescent current is low enough that even
without using the power-down options, there is a noticeable
variation in power consumption with sampling rate. This is true
whether a fixed ADSCLK value is used or if it is scaled with the
sampling rate. Figure 91 (Power vs. Throughput in Normal
Mode with VDD = 3 V) and Figure 92 (Power vs. Throughput
in Normal Mode with VDD = 5 V) show plots of power vs. the
throughput rate when operating in normal mode for a fixed
Figure 89. Entering Full Power-Down Mode
Figure 90. Exiting Full Power-Down Mode
THREE-STATE
110
14
2
ADSCLK
CS
DOUTA
DOUTB
THREE-STATE
110
14
2
INVALID DATA
INVALID DATA
THE PART BEGINS
TO POWER UP.
THE PART ENTERS
PARTIAL POWER DOWN.
THE PART ENTERS
FULL POWER DOWN.
ADSCLK
DOUTA
DOUTB
INVALID DATA
VALID DATA
1
10
14
14
1
THE PART BEGINS
TO POWER UP.
THE PART IS FULLY POWERED UP,
SEE POWER-UP TIMES SECTION.
tPOWER-UP2
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com