Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 17Page - Analog Devices ADSP-BF504 Datasheet HTML 18Page - Analog Devices ADSP-BF504 Datasheet HTML 19Page - Analog Devices ADSP-BF504 Datasheet HTML 20Page - Analog Devices ADSP-BF504 Datasheet HTML 21Page - Analog Devices ADSP-BF504 Datasheet HTML 22Page - Analog Devices ADSP-BF504 Datasheet HTML 23Page - Analog Devices ADSP-BF504 Datasheet HTML 24Page - Analog Devices ADSP-BF504 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 21 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
SIGNAL DESCRIPTIONS
Signal definitions for the ADSP-BF50x processors are listed in
Table 11. All pins for the ADC (ADSP-BF506F processor only)
are listed in Table 12.
In order to maintain maximum function and reduce package
size and pin count, some pins have multiple, multiplexed func-
tions. In cases where pin function is reconfigurable, the default
state is shown in plain text, while the alternate functions are
shown in italics.
During and immediately after reset, all processor signals (not
ADC signals) are three-stated with the following exceptions:
EXT_WAKE is driven high and XTAL is driven in conjunction
with CLKIN to create a crystal oscillator circuit. During
hibernate, all signals are three-stated with the following excep-
tions: EXT_WAKE is driven low and XTAL is driven to a solid
logic level.
During and immediately after reset, all I/O pins have their input
buffers disabled until enabled by user software with the excep-
tion of the pins that need pull-ups or pull-downs, as noted in
Table 11.
Adding a parallel termination to CLKOUT may prove useful in
further enhancing signal integrity. Be sure to verify over-
shoot/undershoot and signal integrity specifications on actual
hardware.
Table 11. Processor — Signal Descriptions
Signal Name
Type Function
Driver
Type
Port F: GPIO and Multiplexed Peripherals
PF0/TSCLK0/UA0_RX/TMR6/CUD0
I/O GPIO/SPORT0 TX Serial CLK/UART0 RX/Timer6/Count Up Dir 0
TBD
PF1/RSCLK0/UA0_TX/TMR5/CDG0
I/O GPIO/SPORT0 RX Serial CLK/UART0 TX/Timer5/Count Down Dir 0
TBD
PF2/DT0PRI/PWM0_BH/PPI_D8/CZM0
I/O GPIO/SPORT0 TX Pri Data/PWM0 Drive B Hi/PPI Data 8/Counter Zero Marker 0
TBD
PF3/TFS0/PWM0_BL/PPI_D9/CDG0
I/O GPIO/SPORT0 TX Frame Sync/PWM0 Drive B Lo/PPI Data 9/Count Down Dir 0
TBD
PF4/RFS0/PWM0_CH/PPI_D10/TACLK0
I/O GPIO/SPORT0 RX Frame Sync/PWM0 Drive C Hi/PPI Data 10 /Alt Timer CLK 0
TBD
PF5/DR0PRI/PWM0_CL/PPI_D11/TACLK1
I/O GPIO/SPORT0 Pri RX Data/PWM0 Drive C Lo /PPI Data 11/Alt Timer CLK 1
TBD
PF6/UA1_TX/PWM0_TRIP/PPI_D12
I/O GPIO/UART1 TX/PWM0 TRIP/PPI Data 12
TBD
PF7/UA1_RX/PWM0_SYNC/PPI_D13/TACI3
I/O GPIO/UART1 RX/PWM0 SYNC/PPI Data 13/Alt Capture In 3
TBD
PF8/UA1_RTS/DT0SEC/PPI_D7
I/O GPIO/ UART1 RTS/ SPORT0 TX Sec Data/ PPI Data 7
TBD
PF9/UA1_CTS/DR0SEC/PPI_D6/CZM0
I/O GPIO/UART1 CTS/SPORT0 Sec RX Data/PPI Data 6/Counter Zero Marker 0
TBD
PF10/SPI0_SCK/TMR2/PPI_D5
I/O GPIO/SPI0 SCK/Timer2/PPI Data 5
TBD
PF11/SPI0_MISO/PWM0_TRIP/PPI_D4/TACLK2
I/O GPIO/ SPI0 MISO/ PWM0 TRIP / PPI Data 4 / Alt Timer CLK 2
TBD
PF12/SPI0_MOSI/PWM0_SYNC/PPI_D3
I/O GPIO/ SPI0 MOSI / PWM0 SYNC/ PPI Data 3
TBD
PF13/SPI0_SEL1/TMR3/PPI_D2/SPI0_SS
I/O GPIO/ SPI0 Slave Select 1 / Timer3 / PPI Data 2/ SPI0 Slave Select In
TBD
PF14/SPI0_SEL2/PWM0_AH/PPI_D1
I/O GPIO/ SPI0 Slave Select 2 / PWM0 AH / PPI Data 1
TBD
PF15/SPI0_SEL3/PWM0_AL/PPI_D0
I/O GPIO/ SPI0 Slave Select 3 / PWM0 AL /PPI Data 0
TBD
Port G: GPIO and Multiplexed Peripherals
PG0/SPI1_SEL3/TMRCLK/PPI_CLK/UA1_RX/TACI4 I/O GPIO/ SPI1 Slave Select 3 / Timer CLK/ PPI Clock/ UART1 RX / Alt Capture In 4
TBD
PG1/SPI1_SEL2/PPI_FS3/CAN_RX/TACI5
I/O GPIO/ SPI1 Slave Select 2 / PPI FS3 / CAN RX/ Alt Capture In 5
TBD
PG2/SPI1_SEL1/TMR4/CAN_TX/SPI1_SS
I/O GPIO/ SPI1 Slave Select 1 / Timer4 / CAN TX /SPI1 Slave Select In
TBD
PG3/HWAIT/SPI1_SCK/DT1SEC/UA1_TX
I/O GPIO/ HWAIT/ SPI1 SCK/SPORT1 TX Sec Data/ UART1 TX
TBD
PG4/SPI1_MOSI/DR1SEC/PWM1_SYNC/TACLK6
I/O GPIO/ SPI1 MOSI / SPORT1 Sec RX Data/ PWM1 SYNC /Alt Timer CLK 6
TBD
PG5/SPI1_MISO/TMR7/PWM1_TRIP
I/O GPIO/SPI1 MISO/Timer7 /PWM1 TRIP
TBD
PG6/ACM_SGLDIFF/SD_D3/PWM1_AH
I/O GPIO/ADC CM SGL DIFF /SD Data 3/PWM1 Drive A Hi
TBD
PG7/ACM_RANGE/SD_D2/PWM1_AL
I/O GPIO/ ADC CM RANGE/ SD Data 2 / PWM1 Drive A Lo
TBD
PG8/DR1SEC/SD_D1/PWM1_BH
I/O GPIO/SPORT1 Sec RX Data/SD Data 1 /PWM1 Drive B Hi
TBD
PG9/DR1PRI/SD_D0/PWM1_BL
I/O GPIO/SPORT1 Pri RX Data/SD Data 0 /PWM1 Drive B Lo
TBD
PG10/RFS1/SD_CMD/PWM1_CH/TACI6
I/O GPIO /SPORT1 RX Frame Sync/SD CMD /PWM1 Drive C Hi/Alt Capture In 6
TBD
PG11/RSCLK1/SD_CLK/PWM1_CL/TACLK7
I/O GPIO/SPORT1 RX Serial CLK/SD CLK/PWM1 Drive C Lo/Alt Timer CLK 7
TBD
PG12/UA0_RX/SD_D4/PPI_D15/TACI2
I/O GPIO/UART0 RX/SD Data 4/PPI Data 15 /Alt Capture In 2
TBD
PG13/UA0_TX/SD_D5/PPI_D14/CZM1
I/O GPIO/UART0 TX/SD Data 5/PPI Data 14 /Counter Zero Marker 1
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com