Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 50 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 46Page - Analog Devices ADSP-BF504 Datasheet HTML 47Page - Analog Devices ADSP-BF504 Datasheet HTML 48Page - Analog Devices ADSP-BF504 Datasheet HTML 49Page - Analog Devices ADSP-BF504 Datasheet HTML 50Page - Analog Devices ADSP-BF504 Datasheet HTML 51Page - Analog Devices ADSP-BF504 Datasheet HTML 52Page - Analog Devices ADSP-BF504 Datasheet HTML 53Page - Analog Devices ADSP-BF504 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
Rev. PrC
|
Page 50 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
PROCESSOR — TEST CONDITIONS
All timing parameters appearing in this data sheet were mea-
sured under the conditions described in this section. Figure 45
shows the measurement point for AC measurements (except
output enable/disable). The measurement point V
MEAS is VDDEXT/2
for V
DDEXT (nominal) = 1.8 V/2.5 V/3.3 V.
Figure 38. Driver Type C Current (1.8V VDDEXT)
Figure 39. Driver Type D Current (3.3V VDDEXT)
Figure 40. Driver Type D Current (2.5V VDDEXT)
Figure 41. Driver Type D Current (1.8V VDDEXT)
Figure 42. Driver Type E Current (3.3V VDDEXT)
Figure 43. Driver Type E Current (2.5V VDDEXT)
Figure 44. Driver Type E Current (1.8V VDDEXT)
Figure 45. Voltage Reference Levels for AC
Measurements (Except Output Enable/Disable)
INPUT
OR
OUTPUT
VMEAS
VMEAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com