Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 12Page - Analog Devices ADSP-BF504 Datasheet HTML 13Page - Analog Devices ADSP-BF504 Datasheet HTML 14Page - Analog Devices ADSP-BF504 Datasheet HTML 15Page - Analog Devices ADSP-BF504 Datasheet HTML 16Page - Analog Devices ADSP-BF504 Datasheet HTML 17Page - Analog Devices ADSP-BF504 Datasheet HTML 18Page - Analog Devices ADSP-BF504 Datasheet HTML 19Page - Analog Devices ADSP-BF504 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
Rev. PrC
|
Page 16 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
All on-chip peripherals are clocked by the system clock (SCLK).
The system clock frequency is programmable by means of the
SSEL3–0 bits of the PLL_DIV register. The values programmed
into the SSEL fields define a divide ratio between the PLL output
(VCO) and the system clock. SCLK divider values are 1 through
15. Table 6 illustrates typical system clock ratios.
Note that the divisor ratio must be chosen to limit the system
clock frequency to its maximum of fSCLK. The SSEL value can be
changed dynamically without any PLL lock latencies by writing
the appropriate values to the PLL divisor register (PLL_DIV).
The core clock (CCLK) frequency can also be dynamically
changed by means of the CSEL1–0 bits of the PLL_DIV register.
Supported CCLK divider ratios are 1, 2, 4, and 8, as shown in
Table 7. This programmable core clock capability is useful for
fast core frequency modifications.
The maximum CCLK frequency both depends on the part’s
speed grade (see Page 79) and depends on the applied VDDINT
voltage. See Table 14 for details. The maximal system clock rate
(SCLK) depends on the applied VDDINT and VDDEXT voltages (see
Table 16).
BOOTING MODES
The processor has several mechanisms (listed in Table 8) for
automatically loading internal and external memory after a
reset. The boot mode is defined by the BMODE input pins dedi-
cated to this purpose. There are two categories of boot modes.
In master boot modes, the processor actively loads data from
parallel or serial memories. In slave boot modes, the processor
receives data from external host devices.
The boot modes listed in Table 8 provide a number of mecha-
nisms for automatically loading the processor’s internal and
external memories after a reset. By default, all boot modes use
the slowest meaningful configuration settings. Default settings
can be altered via the initialization code feature at boot time.
Some boot modes require a boot host wait (HWAIT) signal,
which is a GPIO output signal that is driven and toggled by the
boot kernel at boot time. If pulled high through an external pull-
up resistor, the HWAIT signal behaves active high and will be
driven low when the processor is ready for data. Conversely,
when pulled low, HWAIT is driven high when the processor is
ready for data. When the boot sequence completes, the HWAIT
pin can be used for other purposes. The BMODE pins of the
reset configuration register, sampled during power-on resets
and software-initiated resets, implement the modes shown in
Table 8.
• IDLE State / No Boot (BMODE = 0x0) — In this mode, the
boot kernel transitions the processor into Idle state. The
processor can then be controlled through JTAG for recov-
ery, debug, or other functions.
• Boot from stacked parallel flash in 16-bit asynchronous
mode (BMODE = 0x1) — In this mode, the boot kernel
starts booting from address 0x2000 0000.
• Boot from stacked parallel flash in 16-bit synchronous
mode (BMODE = 0x2) — In this mode, the boot kernel
loads the first block header from address 0x2000 0000. Boot
kernel operation from this point is TBD.
• Boot from serial SPI memory, EEPROM or flash
(BMODE = 0x3) — 8-, 16-, 24-, or 32-bit addressable
devices are supported. The processor uses the PF13 GPIO
pin to select a single SPI EEPROM/flash device (connected
to the SPI0 interface) and submits a read command and
successive address bytes (0x00) until a valid 8-, 16-, 24-, or
Figure 5. Frequency Modification Methods
Table 6. Example System Clock Ratios
Signal Name
SSEL3–0
Divider Ratio
VCO/SCLK
Example Frequency Ratios
(MHz)
VCO
SCLK
0001
1:1
50
50
0110
6:1
300
50
1010
10:1
400
40
Table 7. Core Clock Ratios
Signal Name
CSEL1–0
Divider Ratio
VCO/CCLK
Example Frequency Ratios
(MHz)
VCO
CCLK
00
1:1
300
300
01
2:1
300
150
10
4:1
400
100
11
8:1
200
25
PLL
0.5 to 64
÷1 to 15
÷1, 2, 4, 8
VCO
CLKIN
“FINE” ADJUSTMENT
REQUIRES PLL SEQUENCING
“COARSE” ADJUSTMENT
ON-THE-FLY
CCLK
SCLK
SCLK
CCLK
Table 8. Booting Modes
BMODE2–0 Description
000
Idle/No Boot
001
Boot from internal parallel flash in async mode1
1 This boot mode supported on ADSP-BF504F and ADSP-BF506F processor only.
010
Boot from internal parallel flash in sync mode1
011
Boot through SPI0 master from SPI memory
100
Boot through SPI0 slave from host device
101
Boot through PPI from host
110
Reserved
111
Boot through UART0 slave from host device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com