Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 47 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 43Page - Analog Devices ADSP-BF504 Datasheet HTML 44Page - Analog Devices ADSP-BF504 Datasheet HTML 45Page - Analog Devices ADSP-BF504 Datasheet HTML 46Page - Analog Devices ADSP-BF504 Datasheet HTML 47Page - Analog Devices ADSP-BF504 Datasheet HTML 48Page - Analog Devices ADSP-BF504 Datasheet HTML 49Page - Analog Devices ADSP-BF504 Datasheet HTML 50Page - Analog Devices ADSP-BF504 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 47 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
ADC Controller Module (ACM) Timing
Table 39 and Figure 28 describe ACM operations.
Note that the ACM clock (ACLK) frequency in MHz is set by
the following equation (in which ACMCKDIV ranges from
0 to 255).
fACLK
fSCLK
2ACMCKDIV
×
() 2
+
--------------------------------------------------------
=
tACLK
1
fACLK
--------------
=
Table 39. ACM Timing
Parameter
V
DDEXT = 1.8 V
V
DDEXT = 2.5/3.3 V
Min
Max
Min
Max
Units
Timing Requirements
tSDR
SPORT DRxPRI/DRxSEC Setup Before ACLK
7
7
ns
tHDR
SPORT DRxPRI/DRxSEC Hold After ACLK
0
0
ns
Switching Characteristics
tDO
ACM Controls (ACM_A[2:0], ACM_RANGE, ACM_SGLDIFF) Delay
After Falling Edge of CLKOUT
8.4
8.4
ns
tDACLK
ACLK Delay After Falling Edge of CLKOUT
8.4
8.4
ns
tDCS
CS Active Edge Delay After Falling Edge of CLKOUT
5.3
5.3
ns
tDCSACLK The Delay Between the Active Edge of CS and the First Edge of
ACLK
tACLK
tACLK
ns
Figure 28. ACM Timing
CS
tDCSACLK
ACLK
ACM
CONTROLS
DRxPRI/
DRxSEC
CLKOUT
tDCS
tDACLK
tDO
tSDR
tHDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com