Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 27 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 23Page - Analog Devices ADSP-BF504 Datasheet HTML 24Page - Analog Devices ADSP-BF504 Datasheet HTML 25Page - Analog Devices ADSP-BF504 Datasheet HTML 26Page - Analog Devices ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices ADSP-BF504 Datasheet HTML 29Page - Analog Devices ADSP-BF504 Datasheet HTML 30Page - Analog Devices ADSP-BF504 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
Preliminary Technical Data
Rev. PrC
|
Page 27 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
PROCESSOR — ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Typical
Max
Unit
VOH
High Level Output Voltage
VDDEXT = 1.7 V, IOH = –0.5 mA
1.35
V
VOH
High Level Output Voltage
VDDEXT = 2.25 V, IOH = –0.5 mA 2.0
V
VOH
High Level Output Voltage
VDDEXT = 3.0 V, IOH = –0.5 mA
2.4
V
VOL
Low Level Output Voltage
VDDEXT = 1.7 V/2.25 V/3.0 V,
IOL = 2.0 mA
0.4
V
VOLTWI
Low Level Output Voltage
VDDEXT = 1.7 V/2.25 V/3.0 V,
IOL =2.0 mA
TBD
V
V
IIH
High Level Input Current1
VDDEXT =3.6 V, VIN = 3.6 V
10.0
μA
IIL
Low Level Input Current1
VDDEXT =3.6 V, VIN = 0 V
10.0
μA
IIHP
High Level Input Current JTAG2
VDDEXT = 3.6 V, VIN = 3.6 V
75.0
μA
IOZH
Three-State Leakage Current
3
VDDEXT= 3.6 V, VIN = 3.6 V
10.0
μA
IOZHTWI
Three-State Leakage Current
4
VDDEXT =3.0 V, VIN = 5.5 V
10.0
μA
IOZL
Three-State Leakage Current
3
VDDEXT= 3.6 V, VIN = 0 V
10.0
μA
CIN
Input Capacitance5
fIN = 1 MHz, TAMBIENT = 25°C,
VIN =2.5 V
TBD
TBD6
pF
IDDDEEPSLEEP
7
V
DDINT Current in Deep Sleep Mode
V
DDINT = TBD V, fCCLK = 0 MHz,
f
SCLK =0MHz, TJ = 25°C,
ASF = 0.00
TBD
mA
IDDSLEEP
VDDINT Current in Sleep Mode
V
DDINT = TBD V, fSCLK = 25 MHz,
T
J = 25°C
TBD
mA
IDD-IDLE
VDDINT Current in Idle
V
DDINT = TBD V, fCCLK = 50 MHz,
T
J = 25°C, ASF = TBD
TBD
mA
IDD-TYP
VDDINT Current
V
DDINT = TBD V, fCCLK = 400 MHz,
T
J = 25°C, ASF = 1.00
TBD
mA
IDDHIBERNATE
8
Hibernate State Current
VDDEXT= 3.30 V,
VDDFLASH=1.8 V, TJ = 25°C,
CLKIN = 0 MHz (VDDINT = 0 V)
TBD
μA
IDDSLEEP
9
VDDINIT Current in Sleep Mode
fCCLK = 0 MHz, fSCLK
> 0 MHz
Table 18 +
(TBD × VDDINT ×
fSCLK)
mA10
IDDDEEPSLEEP
9
VDDINT Current in Deep Sleep Mode
fCCLK = 0 MHz, fSCLK = 0 MHz
Table 18
mA
IDDINT
9
VDDINT Current
fCCLK
> 0 MHz, fSCLK ≥ 0 MHz
Table 18 +
(Table 19 ×
ASF) +
(TBD × VDDINT ×
fSCLK)
mA
IDDFLASH1
Flash Memory Supply Current 1
— Asynchronous Read (5 MHz NORCLK11)
10
20
mA
Flash Memory Supply Current 1
— Synchronous Read (50 MHz NORCLK11)
4 Word
18
20
mA
8 Word
20
22
mA
16 Word
25
27
mA
Continuous
28
30
mA
IDDFLASH2
Flash Memory Supply Current 2
— Reset/Powerdown
15
50
μA
IDDFLASH3
Flash Memory Supply Current 3
— Standby
15
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com