Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 36 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 32Page - Analog Devices ADSP-BF504 Datasheet HTML 33Page - Analog Devices ADSP-BF504 Datasheet HTML 34Page - Analog Devices ADSP-BF504 Datasheet HTML 35Page - Analog Devices ADSP-BF504 Datasheet HTML 36Page - Analog Devices ADSP-BF504 Datasheet HTML 37Page - Analog Devices ADSP-BF504 Datasheet HTML 38Page - Analog Devices ADSP-BF504 Datasheet HTML 39Page - Analog Devices ADSP-BF504 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
Rev. PrC
|
Page 36 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
RSI Controller Timing
Table 26 and Figure 16 describe RSI Controller Timing.
Table 27 and Figure 17 describe RSI controller (high speed)
timing.
Table 26. RSI Controller Timing
Parameter
Min
Max
Unit
Timing Requirements
tISU
Input Setup Time
5.6
ns
tIH
Input Hold Time
2
ns
Switching Characteristics
fPP
1
Clock Frequency Data Transfer Mode
0
25
MHz
fOD
Clock Frequency Identification Mode
100
2
400
kHz
tWL
Clock Low Time
15
ns
tWH
Clock High Time
15
ns
tTLH
Clock Rise Time
10
ns
tTHL
Clock Fall Time
10
ns
tODLY
Output Delay Time During Data Transfer Mode
14
ns
tODLY
Output Delay Time During Identification Mode
50
ns
1 t
PP = 1/fPP
2 Specification can be 0 kHz, which means to stop the clock. The given minimum frequency range is for cases where a continuous clock is required.
Figure 16. RSI Controller Timing
SD_CLK
INPUT
OUTPUT
tISU
NOTES:
1 INPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
2 OUTPUT INCLUDES SD_Dx AND SD_CMD SIGNALS.
tTHL
tTLH
tWL
tWH
tPP
tIH
tODLY
VOH (MIN)
VOL (MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com