Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 30 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 26Page - Analog Devices ADSP-BF504 Datasheet HTML 27Page - Analog Devices ADSP-BF504 Datasheet HTML 28Page - Analog Devices ADSP-BF504 Datasheet HTML 29Page - Analog Devices ADSP-BF504 Datasheet HTML 30Page - Analog Devices ADSP-BF504 Datasheet HTML 31Page - Analog Devices ADSP-BF504 Datasheet HTML 32Page - Analog Devices ADSP-BF504 Datasheet HTML 33Page - Analog Devices ADSP-BF504 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
Rev. PrC
|
Page 30 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
PROCESSOR — ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed in Table 20 may cause perma-
nent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other condi-
tions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ESD SENSITIVITY
PACKAGE INFORMATION
The information presented in Figure 9 and Table 22 provides
details about the package branding for the ADSP-BF50x proces-
sors. For a complete listing of product availability, see Ordering
Guide on Page 79.
Table 20.
Parameter
Rating
Internal Supply Voltage (VDDINT)–0.3 V to +1.5 V
External (I/O) Supply Voltage (VDDEXT)–0.3 V to +3.8 V
Input Voltage1, 2
1 Applies to 100% transient duty cycle. For other duty cycles see Table 21.
2 Applies only when VDDEXT is within specifications. When VDDEXT is outside speci-
fications, the range is VDDEXT ± 0.2 Volts.
–0.5 V to +3.6 V
Input Voltage1, 2, 3
3 Applies to pins SCL and SDA.
–0.5 V to +5.5 V
Output Voltage Swing
– 0.5 V to
VDDEXT+0.5 V
Storage Temperature Range
– 65
°C to +150°C
Junction Temperature While Biased
+110
°C
Table 21. Maximum Duty Cycle for Input Transient Voltage1
1 Applies to all signal pins with the exception of CLKIN, XTAL, EXT_WAKE.
VIN Min (V)
VIN Max (V)
Maximum Duty Cycle
–0.50
+3.80
100 %
–0.70
+4.00
40%
–0.80
+4.10
25%
–0.90
+4.20
15%
–1.00
+4.30
10%
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary circuitry, damage may occur
on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.
Figure 9. Product Information on Package
Table 22. Package Brand Information
Brand Key
Field Description
ADSP-BF50x
Product Name
1
1 See product names in the Ordering Guide on Page 79.
t
Temperature Range
pp
Package Type
Z
RoHS Compliant Designation
ccc
See Ordering Guide
vvvvvv.x
Assembly Lot Code
n.n
Silicon Revision
#
RoHS Compliance Designator
yyww
Date Code
vvvvvv.x n.n
tppZccc
ADSP-BF50x
a
#yyww country_of_origin
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com