Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 72 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 68Page - Analog Devices ADSP-BF504 Datasheet HTML 69Page - Analog Devices ADSP-BF504 Datasheet HTML 70Page - Analog Devices ADSP-BF504 Datasheet HTML 71Page - Analog Devices ADSP-BF504 Datasheet HTML 72Page - Analog Devices ADSP-BF504 Datasheet HTML 73Page - Analog Devices ADSP-BF504 Datasheet HTML 74Page - Analog Devices ADSP-BF504 Datasheet HTML 75Page - Analog Devices ADSP-BF504 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
Rev. PrC
|
Page 72 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
120-LEAD LQFP LEAD ASSIGNMENT
Table 52 lists the LQFP leads by signal mnemonic.
Table 53 on Page 73 lists the LQFP leads by lead number.
Table 52. 120-Lead LQFP Lead Assignment (Alphabetically by Signal)
Signal
No.
Signal
No.
Signal
No.
Signal
No.
A0
100
NC
72
PG11
46
VB5
88
A1
98
NMI
11
PG12
47
VB6
87
A2
97
PF0
118
PG13
48
VDDEXT
1
AGND
73
PF1
119
PG14
49
VDDEXT
6
AGND
78
PF2
2
PG15
50
VDDEXT
15
AGND
79
PF3
4
PH0
113
VDDEXT
20
AGND
82
PF4
3
PH1
115
VDDEXT
23
AGND
93
PF5
5
PH2
114
VDDEXT
26
AGND
99
PF6
7
RANGE
95
VDDEXT
30
AVDD
76
PF7
8
REF_SELECT
75
VDDEXT
41
BMODE0
58
PF8
9
RESET
12
VDDEXT
51
BMODE1
57
PF9
10
SCL
55
VDDEXT
59
BMODE2
56
PF10
14
ADSCLK
102
VDDEXT
62
CLKIN
110
PF11
16
SDA
54
VDDEXT
64
CS
101
PF12
18
SGL/DIFF
96
VDDEXT
66
DCAPA
77
PF13
19
TCK
34
VDDEXT
67
DCAPB
94
PF14
21
TDI
33
VDDEXT
112
DGND
74
PF15
22
TDO
36
VDDEXT
116
DGND
104
PG
71
TMS
35
VDDFLASH
25
DOUTA
105
PG0
27
TRST
37
VDDFLASH
63
DOUTB
103
PG1
28
VA1
80
VDDFLASH
69
DVDD
107
PG2
29
VA2
81
VDDINT
24
EMU
68
PG3
31
VA3
83
VDDINT
42
EXT_WAKE
70
PG4
32
VA4
84
VDDINT
52
EXTCLK
120
PG5
38
VA5
85
VDDINT
53
GND
13
PG6
39
VA6
86
VDDINT
61
GND
17
PG7
40
VB1
92
VDDINT
65
GND
108
PG8
43
VB2
91
VDDINT
117
GND
109
PG9
44
VB3
90
VDRIVE
106
NC
60
PG10
45
VB4
89
XTAL
111
GND
121*
AGND
122**
* Pin no. 121 is the GND supply (see Figure 95 and Figure 96) for the processor (4.6mm × 6.17mm); this pad must connect to GND.
** Pin no. 122 is the AGND supply (see Figure 95 and Figure 96) for the ADC (2.81mm × 2.81mm); this pad must connect to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com