Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF504 Datasheet(PDF) 56 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADSP-BF504 Datasheet HTML 52Page - Analog Devices ADSP-BF504 Datasheet HTML 53Page - Analog Devices ADSP-BF504 Datasheet HTML 54Page - Analog Devices ADSP-BF504 Datasheet HTML 55Page - Analog Devices ADSP-BF504 Datasheet HTML 56Page - Analog Devices ADSP-BF504 Datasheet HTML 57Page - Analog Devices ADSP-BF504 Datasheet HTML 58Page - Analog Devices ADSP-BF504 Datasheet HTML 59Page - Analog Devices ADSP-BF504 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
Rev. PrC
|
Page 56 of 80
|
January 2010
ADSP-BF504/F,ADSP-BF506F
Preliminary Technical Data
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)1
±1
LSB max
±0.7 LSB typ; differential mode
±1.5
LSB max
±0.9 LSB typ; single-ended and pseudo
differential modes
Differential Nonlinearity (DNL)
1, 3
±0.99
LSB max
Differential mode
–0.99/+1.5
LSB max
Single-ended and pseudo differential modes
Straight Natural Binary Output Coding
Offset Error
1
TBD
LSB max
Offset Error Match
1
TBD
LSB typ
Gain Error
1
TBD
LSB max
Gain Error Match
1
TBD
LSB typ
Twos Complement Output Coding
Positive Gain Error
1
TBD
LSB max
Positive Gain Error Match
1
TBD
LSB typ
Zero Code Error
1
TBD
LSB max
Zero Code Error Match
1
TBD
LSB typ
Negative Gain Error
1
TBD
LSB max
Negative Gain Error Match
1
TBD
LSB typ
CONVERSION RATE
Conversion Time
14
ADSCLK cycles 437.5 ns with ADSCLK = 32 MHz
Track-and-Hold Acquisition Time
2
90
ns max
Full-scale step input; AVDD, DVDD = 5 V
110
ns max
Full-scale step input; AVDD, DVDD = 3 V
Throughput Rate
2
MSPS max
1 See ADC — Terminology on Page 60.
2 Sample tested during initial release to ensure compliance.
3 Guaranteed no missed codes to 12 bits.
Table 47. Operating Conditions (Power1)
Parameter
Specification
Unit
Test Conditions/Comments
POWER SUPPLY REQUIREMENTS
VDD
2.7/5.25
V min/V max
VDRIVE
2.7/5.25
V min/V max
IDD
Digital Logic Inputs = 0 V or VDRIVE
Normal Mode (Static)
2.3
mA max
VDD = 5.25 V
Operational
fS = 2 MSPS
6.4
mA max
VDD = 5.25 V; 5.7 mA typ
fS = 1.5 MSPS
4
mA max
VDD = 3.6 V; 3.4 mA typ
Partial Power-Down Mode
500
μA max
Static
Full Power-Down Mode (VDD)2.8
μA max
POWER DISSIPATION
Normal Mode (Operational)
33.6
mW max
VDD = 5.25 V
Partial Power-Down (Static)
2.625
mW max
VDD = 5.25 V
Full Power-Down (Static)
14.7
μW max
VDD = 5.25 V
1 In this table, VDD refers to both AVDD and DVDD.
Table 46. Operating Conditions (ADC Performance/Accuracy) (Continued)
Parameter
Specification
Unit
Test Conditions/Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com